Electronic Components Datasheet Search
  English  ▼

X  

31270 Datasheet(PDF) 15 Page - Tyco Electronics

Part # 31270
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31270 Datasheet(HTML) 15 Page - Tyco Electronics

Back Button 31270 Datasheet HTML 11Page - Tyco Electronics 31270 Datasheet HTML 12Page - Tyco Electronics 31270 Datasheet HTML 13Page - Tyco Electronics 31270 Datasheet HTML 14Page - Tyco Electronics 31270 Datasheet HTML 15Page - Tyco Electronics 31270 Datasheet HTML 16Page - Tyco Electronics 31270 Datasheet HTML 17Page - Tyco Electronics 31270 Datasheet HTML 18Page - Tyco Electronics 31270 Datasheet HTML 19Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
15
Ring Tongue Terminals (Continued)
Wire Size Range
AWG 12 to 8,
CMA 5,180 to 20,800
[2.62 to 10.5 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
A
C
Wire Size
Dimensions
Material
Wire Barrel I.D. Min.
Part Numbers
Circular Mils
Stud
Style
L
E
C
W
Thickness
Solistrand
Budget
Solistrand
Budget
[mm2]
Size
Max.
Max.
Max.
A
1.098
.799
.531
.593
.042
.129
.134
*033220*0
0-30972-0
3/8
27.89
20.29
13.49
15.06
1.07
3.28
3.40
*1-33220-23
A
1.271
.893
.625
.750
.042
.129
.134
03222420
0-34833-0
32.28
22.68
15.88
19.05
1.07
3.28
3.40
A
1.102
.742
.474
.715
.042
—
.134
—
0-52269-1
1/2
27.99
18.85
12.04
18.16
1.07
3.40
M12
A
1.271
.893
.625
.750
.042
.129
.134
0-35135-0
0-34834-0
12-10
32.28
22.68
15.88
19.05
1.07
3.28
3.40
*2-35135-23
5,180–13,100
A
1.896
1.268
1.000
1.250
.042
.129
.134
0-320763-0
0-320760-0
[2.62-6.64]
48.16
32.21
25.40
31.75
1.07
3.28
3.40
5/8
A
1.896
1.268
1.000
1.250
.042
.129
.134
0-320764-0
0-320761-0
M16
48.16
32.21
25.40
31.75
1.07
3.28
3.40
3/4
A
1.896
1.268
1.000
1.250
.042
.129
.134
0-320765-0
0-320762-0
48.16
32.21
25.40
31.75
1.07
3.28
3.40
7/8
A
1.896
1.268
1.000
1.250
.042
.129
—
1-320765-1
—
M22
48.16
32.21
25.40
31.75
1.07
3.28
1
A
1.896
1.268
1.000
1.250
.042
.129
—
1-320765-0
—
48.16
32.21
25.40
31.75
1.07
3.28
C
.949
.743
.359
.406
.051
.172
—
0
*
324061*0
—
8
24.10
18.87
9.12
10.31
1.30
4.37
M4
C
.933
.696
.359
.469
.051
.172
—
0
*
32996*0
—
23.70
17.68
9.12
11.91
1.30
4.37
0*33460*0
C
.933
.696
.359
.469
.051
.172
—
*12-33460-2*1
—
10
23.70
17.68
9.12
11.91
1.30
4.37
*22-33460-3*2
C
.949
.743
.359
.406
0.51
.172
—
0-31807-0
—
24.10
18.87
9.12
10.31
1.30
4.37
*22-31807-2*2
0-33461*0
1/4
C
.933
.696
.359
.469
.051
.172
—
*12-33461-2*1
—
M6
23.70
17.68
9.12
11.91
1.30
4.37
*22-33461-3*2
A
1.168
.868
.531
.594
.051
.172
—
0
*
35247*0
—
8
29.67
22.05
13.49
15.09
1.30
4.37
13,100–20,800
A
1.168
.868
.531
.594
.051
.172
—
0*33462*0
—
[6.64–10.5]
29.67
22.05
13.49
15.09
1.30
4.37
2-33462-12
5/16
A
1.074
.790
.406
.562
.051
.172
—
0
*
31808*0
—
M8
27.28
20.07
10.31
14.27
1.30
4.37
C
.933
.696
.359
.469
.051
.172
—
0-55991-1
—
23.70
17.68
9.12
11.91
1.30
4.37
0-55991-2
A
1.168
.868
.531
.594
.051
.172
—
0
*
33463*0
—
3/8
29.67
22.05
13.49
15.09
1.30
4.37
A
1.965
1.337
1.000
1.250
.051
.172
—
0-36499-0
—
49.91
33.96
25.40
31.75
1.30
4.37
1/2
A
1.965
1.337
1.000
1.250
.051
.172
—
0
*
35664*0
—
M12
49.91
33.96
25.40
31.75
1.30
4.37
5/8
A
1.965
1.337
1.000
1.250
.051
.172
—
0-35665-0
—
M16
49.91
33.96
25.40
31.75
1.30
4.37
3/4
A
1.965
1.337
1.000
1.250
.051
.172
—
0-35666-0
—
49.91
33.96
25.40
31.75
1.30
4.37
Note: Part numbers are shown as loose piece over tape mounted product.
*Part numbers are available in small quantity packages.
1
Requires a 69875 standard TAPETRONIC machine for application.
2
Requires a 68250-1 Heavy Duty TAPETRONIC machine for application.
3
Requires a 68250-1 Heavy Duty TAPETRONIC and 68242-2 die set for application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com