Electronic Components Datasheet Search
  English  ▼

X  

31270 Datasheet(PDF) 17 Page - Tyco Electronics

Part # 31270
Description  SOLISTRAND, Budget and DIAMOND GRIP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

31270 Datasheet(HTML) 17 Page - Tyco Electronics

Back Button 31270 Datasheet HTML 13Page - Tyco Electronics 31270 Datasheet HTML 14Page - Tyco Electronics 31270 Datasheet HTML 15Page - Tyco Electronics 31270 Datasheet HTML 16Page - Tyco Electronics 31270 Datasheet HTML 17Page - Tyco Electronics 31270 Datasheet HTML 18Page - Tyco Electronics 31270 Datasheet HTML 19Page - Tyco Electronics 31270 Datasheet HTML 20Page - Tyco Electronics 31270 Datasheet HTML 21Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 60 page
background image
SOLISTRAND, Budget and DIAMOND GRIP
Uninsulated Terminals and Splices
Catalog 65505
Revised 9-00
For drawings, technical data or samples, contact your AMP sales engineer or call the AMP Technical Support Center 1-800-522-6752.
Dimensions are in inches and millimeters unless otherwise specified. Values in brackets are metric equivalents.
Specifications subject to change. Consult AMP for latest specifications.
17
Ring Tongue Terminals (Continued)
Wire Size
Dimensions
Material
Circular Mils
Stud
Style
L
E
C
W
Thickness
Wire Barrel I.D. Min.
Part Numbers
[mm2]
Size
Max.
Max.
Max.
Solistrand
Solistrand
7/16
A**
1.314
.978
.516
.656
.073
.296
320743
33.38
24.84
13.11
16.66
1.85
7.52
A**
2.090
1.462
1.000
1.250
.073
.296
*
35668*
4
1/2
53.09
37.13
25.40
31.75
1.85
7.52
33,100–52,600
M12
B
1.902
1.462
1.000
.875
.073
.296
*
327175*
[16.8–26.7]
48.31
37.13
25.40
22.23
1.85
7.52
5/8
A**
2.090
1.462
1.000
1.250
.073
.296
35669
M16
53.09
37.13
25.40
31.75
1.85
7.52
3/4
A**
2.090
1.462
1.000
1.250
.073
.296
35670
53.09
37.13
25.40
31.75
1.85
7.52
10
B
1.527
1.212
.531
.625
.073
.370
330301
38.79
30.78
13.49
15.88
1.85
9.40
B
1.527
1.212
.531
.625
.073
.370
*320383*
1/4
38.79
30.78
13.49
15.88
1.85
9.40
M6
D
1.657
1.212
.531
.890
.073
.370
320138
42.09
30.78
13.49
22.61
1.85
9.40
D
1.657
1.212
.531
.890
.073
.370
35183
5/16
42.09
30.78
13.49
22.61
1.85
9.40
M8
B
1.527
1.212
.531
.625
.073
.370
*322870*
38.79
30.78
13.49
15.88
1.85
9.40
B
1.527
1.212
.531
.625
.073
.370
*
321600*
2
38.79
30.78
13.49
15.88
1.85
9.40
52,600–83,700
3/8
D
1.657
1.212
.531
.890
.073
.370
35184
[26.7–42.4]
42.09
30.78
13.49
22.61
1.85
9.40
7/16
D
1.657
1.212
.531
.890
.073
.370
320741
42.09
30.78
13.49
22.61
1.85
9.40
D
1.657
1.212
.531
.890
.073
.370
35185*
1/2
42.09
30.78
13.49
22.61
1.85
9.40
M12
D
2.516
1.888
1.125
1.250
.073
.370
323291
63.91
47.96
28.58
31.75
1.85
9.40
5/8
D
2.516
1.888
1.125
1.250
.073
.370
320754
M16
63.91
47.96
28.58
31.75
1.85
9.40
3/4
D
2.516
1.888
1.125
1.250
.073
.370
320755
63.91
47.96
28.58
31.75
1.85
9.40
C
1.956
1.529
.625
.875
.073
.444
36915
1/4
49.68
38.84
15.88
22.23
1.85
11.28
M6
C
1.925
1.532
.625
.807
.073
.444
321866
48.90
38.91
15.88
20.50
1.85
11.28
C
1.956
1.529
.625
.875
.073
.444
36916*
1/0
5/16
49.68
38.84
15.88
22.23
1.85
11.28
83,700–119,500
M8
C
1.925
1.532
.625
.807
.073
.444
*
321867*
[42.4–60.6]
48.90
38.91
15.88
20.50
1.85
11.28
C
1.956
1.529
.625
.875
.073
.444
*
36917*
3/8
49.68
38.84
15.88
22.23
1.85
11.28
C
1.925
1.532
.625
.807
.073
.444
321868
48.90
38.91
15.88
20.50
1.85
11.28
7/16
C
1.956
1.529
.625
.875
.073
.444
36918
49.68
38.84
15.88
22.23
1.85
11.28
*Part numbers are available in small quantity packages.
** See style A art on preceding page.
Wire Size Range
AWG 4 to 1/0,
CMA 33,100 to 119,500
[16.8 to 60.6 mm2]
Material
Terminal Body — Copper per
ASTM B-152
Plating — Tin per MIL-T-10727
C
D
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com