Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 4 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 4 Page - TDK Electronics

  C2012 Datasheet HTML 1Page - TDK Electronics C2012 Datasheet HTML 2Page - TDK Electronics C2012 Datasheet HTML 3Page - TDK Electronics C2012 Datasheet HTML 4Page - TDK Electronics C2012 Datasheet HTML 5Page - TDK Electronics C2012 Datasheet HTML 6Page - TDK Electronics C2012 Datasheet HTML 7Page - TDK Electronics C2012 Datasheet HTML 8Page - TDK Electronics C2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
473
104
224
225
475
106
47,000
100,000
220,000
2,200,000
4,700,000
10,000,000
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
(pF)
Tolerance
Code
Capacitance
(pF)
Tolerance
Code
Capacitance
(pF)
Tolerance
Code
EIA CC0805 [C2012]
X7R
X7S
X7T
2E
(250V)
1H
(50V)
1V
(35V)
1E
(25V)
1C
(16V)
2A
(100V)
2W
(450V)
2E
(250V)
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
2,200,000
4,700,000
103
223
473
104
224
474
105
225
475
K: ± 10%
M: ± 20%
0.85 mm
0.85 mm
1.25 mm
EIA CC1206 [C3216]
X7R
X7S
X7T
2J
(630V)
2E
(250V)
2A
(100V)
1H
(50V)
1V
(35V)
1E
(25V)
3D
(2000V) (1000V)
3A
2A
(100V)
2J
(630V)
2W
(450V)
2E
(250V)
470
1,000
10,000
22,000
47,000
100,000
220,000
470,000
1,000,000
2,200,000
4,700,000
10,000,000
471
102
103
223
473
104
224
474
105
225
475
106
K: ± 10%
M: ± 20%
EIA CC1210[C3225]
X7R
X7S
X7T
2J
(630V)
2E
(250V)
2A
(100V)
2A
(100V)
1H
(50V)
2J
(630V)
2W
(450V)
K: ± 10%
M: ± 20%
1.15 mm
1.30 mm
1.60 mm
StandardThickness
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 450V (2W), 250V (2E), 100V (2A), 50V (1H), 35V (1V), 25V (1E), 16V (1C)
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 2000V (3D), 1000V (3A), 630V (2J), 450V (2W), 250V (2E), 100V (2A), 50V (1H), 35V (1V), 25V (1E)
Capacitance Range Chart
Temperature Characteristics: X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 630V (2J), 450V (2W), 250V (2E), 100V (2A), 50V (1H)
1.60 mm
2.00 mm
2.30 mm
2.50 mm
Standard Thickness
Standard Thickness
Page 3
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en
TDKprovidesSoftTerminationonthemostcommonlyusedMLCCsizesandcapacitancevalues.SoftTerminationoffersanexternalelectrodedesign
that differs from the standard electrode design, and this design may be able to be applied to capacitance values beyond those listed in the catalog.
PleasecontactTDKifyourspecificproductneedsarenotlistedandwewillconsideraddingittotheproductoffering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com