Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 5 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 5 Page - TDK Electronics

  C2012 Datasheet HTML 1Page - TDK Electronics C2012 Datasheet HTML 2Page - TDK Electronics C2012 Datasheet HTML 3Page - TDK Electronics C2012 Datasheet HTML 4Page - TDK Electronics C2012 Datasheet HTML 5Page - TDK Electronics C2012 Datasheet HTML 6Page - TDK Electronics C2012 Datasheet HTML 7Page - TDK Electronics C2012 Datasheet HTML 8Page - TDK Electronics C2012 Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
Range Chart
Capacitance
(pF)
Tolerance
Code
Capacitance
(pF)
Tolerance
Code
Capacitance
(pF)
Tolerance
Code
Capacitance
(pF)
Tolerance
Code
EIA CC1808 [C4520]
Capacitance Range Chart
Temperature Characteristics : X7R (±15%)
Rated Voltage: 2000V (3D)
1.30 mm
EIA CC1812 [C4532]
EIA CC3025 [C7563]
EIA CC2220 [C5750]
C0G
X7S
X7T
3F
3A
(3000V)
X7R
3D
(2000V)
(1000V)
2J
(630V)
2W
2E
(450V)
2E
(250V)
(250V)
330
1,000
2,200
10,000
220,000
470,000
1,000,000
331
102
222
103
224
474
105
K: ± 10%
M: ± 20%
2.00 mm
2.30 mm
2.50 mm
X7S
1H
(50V)
1C
(16V)
22,000,000
100,000,000
226
107
M: ± 20%
2.30 mm
2.80 mm
X7R
X7S
X7T
2E
(250V)
2A
(100
3D
(2000V)
V)
2J
(630V)
2W
(450V)
2E
(250V)
10,000
470,000
1,000,000
2,200,000
10,000,000
103
474
105
225
106
K: ± 10%
M: ± 20%
2.30 mm
2.50 mm
Standard Thickness
Standard Thickness
Standard Thickness
Capacitance Range Chart
Temperature Characteristics : C0G (0 ± 30ppm/ºC), X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 630V (2J), 450V (2W), 250V (2E), 1000V (3A), 2000V (3D)
Capacitance Range Chart
Temperature Characteristics : X7R (±15%), X7S (±22%), X7T (+22/-33%)
Rated Voltage: 2000V(3D), 630V (2J), 450V (2W), 250V (2E), 100V (2A)
Capacitance Range Chart
Temperature Characteristics : X7S (±22%)
Rated Voltage: 50V (1H), 16V (1C)
1.60 mm
1,000
102
X7R
3D
(2000V)
K: ± 10%
M: ± 20%
Standard Thickness
1.30 mm
Page 4
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en
TDKprovidesSoftTerminationonthemostcommonlyusedMLCCsizesandcapacitancevalues.SoftTerminationoffersanexternalelectrodedesign
that differs from the standard electrode design, and this design may be able to be applied to capacitance values beyond those listed in the catalog.
PleasecontactTDKifyourspecificproductneedsarenotlistedandwewillconsideraddingittotheproductoffering.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com