Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 7 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 7 Page - TDK Electronics

Back Button C2012 Datasheet HTML 3Page - TDK Electronics C2012 Datasheet HTML 4Page - TDK Electronics C2012 Datasheet HTML 5Page - TDK Electronics C2012 Datasheet HTML 6Page - TDK Electronics C2012 Datasheet HTML 7Page - TDK Electronics C2012 Datasheet HTML 8Page - TDK Electronics C2012 Datasheet HTML 9Page - TDK Electronics C2012 Datasheet HTML 10Page - TDK Electronics C2012 Datasheet HTML 11Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 25V
10 nF
2012
0.85 ± 0.15
± 10%
C2012X7T2W103K085AE
± 20%
C2012X7T2W103M085AE
22 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7T2W223K125AE
± 20%
C2012X7T2W223M125AE
47 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7T2W473K125AE
C2012X7T2E473K125AE
± 20%
C2012X7T2W473M125AE
C2012X7T2E473M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7T2J473K160AE
± 20%
C3216X7T2J473M160AE
100 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7T2E104K125AE
± 20%
C2012X7T2E104M125AE
3216
1.60 +0.30/-0.20
± 10%
C3216X7T2W104K160AE
± 20%
C3216X7T2W104M160AE
3225
1.60 +0.30/-0.20
± 10%
C3225X7T2J104K160AE
± 20%
C3225X7T2J104M160AE
220 nF
3216
1.60 +0.30/-0.20
± 10%
C3216X7T2E224K160AE
± 20%
C3216X7T2E224M160AE
3225
2.00 +0.30/-0.20
± 10%
C3225X7T2W224K200AE
± 20%
C3225X7T2W224M200AE
4532
2.00 +0.30/-0.20
± 10%
C4532X7T2J224K200KE
± 20%
C4532X7T2J224M200KE
470 nF
4532
2.30 +0.30/-0.20
± 10%
C4532X7T2W474K230KE
± 20%
C4532X7T2W474M230KE
5750
2.50 ± 0.30
± 10%
C5750X7T2J474K250KE
± 20%
C5750X7T2J474M250KE
1 F
4532
2.50 ± 0.30
± 10%
C4532X7T2E105K250KE
± 20%
C4532X7T2E105M250KE
5750
2.50 ± 0.30
± 10%
C5750X7T2W105K250KE
± 20%
C5750X7T2W105M250KE
2.2 F
5750
2.50 ± 0.30
± 10%
C5750X7T2E225K250KE
± 20%
C5750X7T2E225M250KE
Class 2 (Temperature Stable)
TemperatureCharacteristics:X7S(-55to+125ºC,±22%)
Class 2 (Temperature Stable)
TemperatureCharacteristics:X7T(-55to+125ºC,+22/-33%)
Capacitance Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 2000V Rated Voltage Edc: 1000V Rated Voltage Edc: 100V
Rated Voltage Edc: 50V
Rated Voltage Edc: 16V
470 pF
3216
1.30 ± 0.20
± 10%
C3216X7S3D471K130AE
± 20%
C3216X7S3D471M130AE
1 nF
3216
0.85 ±0.15
± 10%
C3216X7S3A102K085AE
± 20%
C3216X7S3A102M085AE
10 nF
4532 1.60 +0.30/-0.20
± 10%
C4532X7S3A103K160KE
± 20%
C4532X7S3A103M160KE
5750
2.50 ±0.30
± 10%
C5750X7S3D103K250KE
± 20%
C5750X7S3D103M250KE
220 nF
2012
0.85 ± 0.15
± 10%
C2012X7S2A224K085AE
± 20%
C2012X7S2A224M085AE
470 nF
2012
1.25 +0.25/-0.20
± 10%
C2012X7S2A474K125AE
± 20%
C2012X7S2A474M125AE
1 F
2012
1.25 +0.25/-0.20
± 10%
C2012X7S2A105K125AE
± 20%
C2012X7S2A105M125AE
2.2 F
3216
1.60 +0.30/-0.20
± 10%
C3216X7S2A225K160AE
± 20%
C3216X7S2A225M160AE
4.7 F
3225
2.00 +0.30/-0.20
± 10%
C3225X7S2A475K200AE
± 20%
C3225X7S2A475M200AE
2.30 +0.30/-0.20
± 10%
C3225X7S1H475K230AE
± 20%
C3225X7S1H475M230AE
10 F
3225
2.50 ± 0.30
± 10%
C3225X7S1H106K250AE
± 20%
C3225X7S1H106M250AE
5750 2.30 +0.30/-0.20
± 10%
C5750X7S2A106K230KE
± 20%
C5750X7S2A106M230KE
22 F
7563
2.30 (2.50max)
± 20%
C7563X7S1H226M230LE
100 F
7563
2.80 (3.00max)
± 20%
C7563X7S1C107M280LE
TDKprovidesSoftTerminationonthemostcommonlyusedMLCCsizesandcapacitancevalues.SoftTerminationoffersanexternalelectrodedesign
that differs from the standard electrode design, and this design may be able to be applied to capacitance values beyond those listed in the catalog.
PleasecontactTDKifyourspecificproductneedsarenotlistedandwewillconsideraddingittotheproductoffering.
Page 6
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com