Electronic Components Datasheet Search
  English  ▼

X  

C2012 Datasheet(PDF) 12 Page - TDK Electronics

Part # C2012
Description  MULTILAYER CERAMIC CHIP CAPACITORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C2012 Datasheet(HTML) 12 Page - TDK Electronics

Back Button C2012 Datasheet HTML 4Page - TDK Electronics C2012 Datasheet HTML 5Page - TDK Electronics C2012 Datasheet HTML 6Page - TDK Electronics C2012 Datasheet HTML 7Page - TDK Electronics C2012 Datasheet HTML 8Page - TDK Electronics C2012 Datasheet HTML 9Page - TDK Electronics C2012 Datasheet HTML 10Page - TDK Electronics C2012 Datasheet HTML 11Page - TDK Electronics C2012 Datasheet HTML 12Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
•Allspecificationsaresubjecttochangewithoutnotice.
Capacitance
Range Table
Capacitance
Size
Thickness
(mm)
Capacitance
Tolerance
TDKPartNumber
Rated Voltage Edc: 50V
220 pF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H221M060AK
330 pF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H331M060AK
470 pF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H471M060AK
680 pF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H681M060AK
1 nF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H102M060AK
1.5 nF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H152M060AK
2.2 nF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H222M060AK
3.3 nF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H332M060AK
4.7 nF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H472M060AK
6.8 nF
1310
0.60 ± 0.10
± 20%
CKCM25X8R1H682M060AK
Class 2 (Temperature Stable)
TemperatureCharacteristics:X8R(-55to+150ºC,±15%)
Page 11
MULTILAYER CERAMIC CHIP CAPACITORS
003-01 / 20130621 / mlcc_commercial_soft_en



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com