Electronic Components Datasheet Search
  English  ▼

X  

WLCA2 Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # WLCA2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLCA2 Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button WLCA2 Datasheet HTML 5Page - Omron Electronics LLC WLCA2 Datasheet HTML 6Page - Omron Electronics LLC WLCA2 Datasheet HTML 7Page - Omron Electronics LLC WLCA2 Datasheet HTML 8Page - Omron Electronics LLC WLCA2 Datasheet HTML 9Page - Omron Electronics LLC WLCA2 Datasheet HTML 10Page - Omron Electronics LLC WLCA2 Datasheet HTML 11Page - Omron Electronics LLC WLCA2 Datasheet HTML 12Page - Omron Electronics LLC WLCA2 Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
WL
WL
9
Approved Standard Ratings
UL/CSA
Standard Models: A600
Rated voltage
Carry current
Current
Volt-amperes
g
y
Make
Break
Make
Break
120 VAC
10 A
60 A
6A
7,200 VA
720 VA
240 VAC
30 A
3A
,
480 VAC
15 A
1.5 A
600 VAC
12 A
1.2 A
Microload Models:
0.1 A 125 VAC, 0.1 A 30 VDC
TÜV (EN60947-5-1)
(Only Ground Terminal Models are Approved)
Model
Category/rating
Thermal
current
Indicator
WLj-j
AC-152A/250 V
DC122A/48V
10 A
---
WL01j-j
AC-14 0.1 A/125 V
DC12 0.1 A/48 V
0.5 A
---
WLj-jLE
AC-152A/250 V
10 A
Neon lamp
WL01j-jLE
AC-14 0.1 A/125 V 0.5 A
Neon lamp
WLj-jLD
AC-152A/115 V
DC122A/48V
10 A
LED
WL01j-jLD
AC-140.1 A/115V
DC12 0.1 A/48 V
0.5 A
LED
Note: As an example, AC-15 2 A/250 V means the following:
Application category
AC-15
Rated operating current (Ie)
2A
Rated operating voltage (Ue)
250 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com