Electronic Components Datasheet Search
  English  ▼

X  

WLCA2 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # WLCA2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLCA2 Datasheet(HTML) 5 Page - Omron Electronics LLC

  WLCA2 Datasheet HTML 1Page - Omron Electronics LLC WLCA2 Datasheet HTML 2Page - Omron Electronics LLC WLCA2 Datasheet HTML 3Page - Omron Electronics LLC WLCA2 Datasheet HTML 4Page - Omron Electronics LLC WLCA2 Datasheet HTML 5Page - Omron Electronics LLC WLCA2 Datasheet HTML 6Page - Omron Electronics LLC WLCA2 Datasheet HTML 7Page - Omron Electronics LLC WLCA2 Datasheet HTML 8Page - Omron Electronics LLC WLCA2 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
WL
WL
5
4. The fork lever lock is configured so that the dog pushes the lever to reverse the output and this reversed state is maintained even
after the dog continues on. If the dog then pushes the lever from the opposite direction, the lever will return to its original position.
Example
NC terminal: ON
NO terminal: ON
NO terminal: ON
Standard Plungers
Type
Actuators
Model
Top
Top Plunger
WLD
Top-roller Plunger
WLD2
p
g
WLD28(seenote2.)
Top-ball Plunger
WLD3
Horizontal Horizontal Plunger
WLSD
Horizontal-roller
Plunger
WLSD2
Horizontal-ball Plunger
WLSD3
Note: 1. For the approved standards file numbers, refer to
page 1.
2. Sealed roller.
Standard Flexible Rods
Actuators
Model
Coil spring
Spring dia. 6.5
WLNJ
p g
Spring dia. 4.8
WLNJ-30
Resin rod dia. 8.0
WLNJ-2
Steel wire
1.0-dia. wire
WLNJ-S2
Note: For the approved standards file numbers, refer to page 1.
Microload Models
A series of microload models has also been developed for the con-
figurations outlined on pages 3 to 5. The model numbers become
WL01j. For example, WLCA2 becomes WL01CA2.
Model Number Legend
WLjj-jjjjjjjjj
1
2
34
5678910 11
1. Electrical Rating
Blank:
Standard
01:
Miniature
2. Actuator and Head Specifications
Symbol
Actuator type
Switches without levers
CA2
Roller lever: Standard (R38)
WLRCA2
CA2-7
Roller lever: Standard, medium lever (R50)
WLRCA2
CA2-8
Roller lever: Standard, long lever (R63)
WLRCA2
H2
Roller lever: Overtravel, general-purpose model, 80_
WLRH2
G2
Roller lever: Overtravel, high-sensitivity, 80_
WLRG2
CA2-2N
Roller lever: Overtravel, 90_
WLRCA2-2N
GCA2
Roller lever: High-precision
WLRGCA2
CA12
Adjustable roller lever: Standard
WLRCA2
H12
Adjustable roller lever: Overtravel, general-purpose model, 80_
WLRH2
G12
Adjustable roller lever: Overtravel, high-sensitivity, 80_
WLRG2
CA12-2N
Adjustable roller lever: Overtravel, 90_
WLRCA2-2N
CL
Adjustable rod lever: Standard
WLRCL
HL
Adjustable rod lever: Overtravel, general-purpose model, 80_, 25to140 mm
WLRH2
HLAL4
Adjustable rod lever: Overtravel, general-purpose model, 80_, 350 to 380 mm
WLRH2
GL
Adjustable rod lever: Overtravel, high-sensitivity, 80_, 25to140 mm
WLRG2
CL-2N
Adjustable rod lever: Overtravel, 90_, 25 to 140 mm
WLRCA2-2N
HAL5
Rod spring lever: Protective, Overtravel, general-purpose model, 80_
WLRH2
CA32-41
Fork lever lock: Protective, WL-5A100
WLRCA32
CA32-42
Fork lever lock: Protective, WL-5A102
WLRCA32
CA32-43
Fork lever lock: Protective, WL-5A104
WLRCA32
D
Plunger: Top plunger
---
D2
Plunger: Top-roller plunger
---
D28
Plunger: Top-roller plunger, sealed
---
D3
Plunger: Top-ball plunger
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com