Electronic Components Datasheet Search
  English  ▼

X  

WLCA2 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # WLCA2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLCA2 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button WLCA2 Datasheet HTML 31Page - Omron Electronics LLC WLCA2 Datasheet HTML 32Page - Omron Electronics LLC WLCA2 Datasheet HTML 33Page - Omron Electronics LLC WLCA2 Datasheet HTML 34Page - Omron Electronics LLC WLCA2 Datasheet HTML 35Page - Omron Electronics LLC WLCA2 Datasheet HTML 36Page - Omron Electronics LLC WLCA2 Datasheet HTML 37Page - Omron Electronics LLC WLCA2 Datasheet HTML 38Page - Omron Electronics LLC WLCA2 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 42 page
background image
WL
WL
35
Direct-wired Connector
Pre-wired Connector
Spatter-prevention Models
WL -
-
S
12
34
5
1. Electrical Rating
Blank: Standard
01:
Microload
2. Actuator Type
CA2: Roller lever: Standard
GCA2: Roller lever: High-precision
H2:
Roller lever: Overtravel, general-purpose
G2:
Roller lever: Overtravel, high-sensitivity
D28: Plunger: Top-roller plunger, sealed
3. Built-in Switch Type
Blank: Standard
55:
Hermetically sealed
4. Indicator Lamp
Blank: None
LD:
LED indicator lamp (AC/DC common)
LE:
Neon Lamp
5. Wiring Specifications
-M1J-1:
Pre-wired Connector*
(2-core: DC, NO wiring, connector pins No. 3, 4)
-M1GJ-1:
Pre-wired Connector*
(2-core: DC, NO wiring, connector pins No. 1, 4)
-DGJS03: Pre-wired Connector* (4 core, DC)
Note: *With 0.3-m cable attached.
Wiring Specifications
Direct-wired Connector
Pre-wired Connector
2-core
4-core
2-core
4-core
3-core
K13 (DC)
K13A (AC)
K43 (DC)
K43A (AC)
M1J (DC)
M1GJ (DC)
M1JB (DC)
DGJ03 (DC)
AGJ03 (AC)
DK1EJ03 (DC)
Built-in
switch
Connector
Built-in
switch
Connector
Built-in
switch
Connector
Built-in
switch
Connector
Built-in
switch
Connector
Built-in
switch
Connector
Built-in
switch
Connector
1 (NC)
---
1(NC)
1
1(NC)
---
1(NC)
---
1(NC)
3
1(NC)
1
1(NC)
---
2 (NC)
---
2(NC)
2
2(NC)
---
2(NC)
---
2(NC)
2
2(NC)
2
2(NC)
2
3(NO)
3
3(NO)
3
3(NO)
3
3(NO)
1
3(NO)
---
3(NO)
3
3(NO)
3
4(NO)
4
4(NO)
4
4(NO)
4
4(NO)
4
4(NO)
---
4(NO)
4
4(NO)
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com