Electronic Components Datasheet Search
  English  ▼

X  

WLCA2 Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # WLCA2
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLCA2 Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button WLCA2 Datasheet HTML 28Page - Omron Electronics LLC WLCA2 Datasheet HTML 29Page - Omron Electronics LLC WLCA2 Datasheet HTML 30Page - Omron Electronics LLC WLCA2 Datasheet HTML 31Page - Omron Electronics LLC WLCA2 Datasheet HTML 32Page - Omron Electronics LLC WLCA2 Datasheet HTML 33Page - Omron Electronics LLC WLCA2 Datasheet HTML 34Page - Omron Electronics LLC WLCA2 Datasheet HTML 35Page - Omron Electronics LLC WLCA2 Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
WL
WL
32
Operation
LIght-ON when operating
(See note 1.)
WL-LE
WL-LD
Power supply
Built-in switch
Load
Internal circuit
Light-ON when not operating
(See note 2.)
WL-LD
Power supply
Built-in switch
Internal circuit
WL-LE
Load
Note: 1. Light-ON when operating means that the lamp lights when the Limit Switch contacts (NC) release, or when the actuator rotates or is
pushed down.
2. Light-ON when not operating means the lamp remains lit when the actuator is free, or when the Limit Switch contacts (NO) close
when the actuator rotates or is pushed down.
Ordering Information
When ordering general-purpose indicator-equipped models insert the specifications number at the end of the basic model number.
E.g.: When a neon lamp is installed in a General-purpose/Standard Roller Lever Switch (WLCA2).
WLCA2
LE
""
Standard
Lamp
specifications
When ordering indicator-equipped molded terminal models, insert the specifications number at the end of the standard model number.
E.g.: When a Neon Lamp (WL-LE) is installed in a general-purpose molded terminal model (WLCA2-139).
WLCA2-139
LE
2
"""
Standard
Lamp
Lamp
2: NC connection: Light-ON when operating
specifications wiring
3: NO connection: Light-ON when not operating
Note:
The indicator cover cannot be replaced on the molded terminals. In all cases the indicator does not light when the load is ON.
Dimensions/Operating Characteristics
Roller Lever
WLCA2-LE
Note:
Unless otherwise indicated, a tolerance of ±0.4 mm applies
to all dimensions.
OF max.
13.34 N
RF min.
2.23 N
PT
15°±5°
OT min.
30°
MD max.
12°
17.5 dia. × 7
Stainless steel roller
Four, M3.5
M5 × 12
Allen-head
bolt
holes
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min
60 max.
42 max.
Note: Stainless steel roller
Four,
5.2 +0.2
0
dia. holes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com