Electronic Components Datasheet Search
  English  ▼

X  

WLD Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # WLD
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button WLD Datasheet HTML 7Page - Omron Electronics LLC WLD Datasheet HTML 8Page - Omron Electronics LLC WLD Datasheet HTML 9Page - Omron Electronics LLC WLD Datasheet HTML 10Page - Omron Electronics LLC WLD Datasheet HTML 11Page - Omron Electronics LLC WLD Datasheet HTML 12Page - Omron Electronics LLC WLD Datasheet HTML 13Page - Omron Electronics LLC WLD Datasheet HTML 14Page - Omron Electronics LLC WLD Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
WL
WL
11
Standard Models
Dimensions/Operating Characteristics
Note: 1. Rotating Lever Models: For all models WLj indicates a standard model and WL01j indicates a microload model.
2. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Roller Lever
WLCA2
WL01CA2
Roller Lever
WLCA2-7
WL01CA2-7
Note: Stainless sintered roller
Note: Stainless steel roller
Roller Lever
WLCA2-8
WL01CA2-8
Adjustable Roller Lever
WLCA12
WL01CA12
Note: Stainless sintered roller
Note: Stainless sintered roller
M5 × 12
Allen-head
bolt
17.5 dia. × 7 (see note)
Four, M3.5
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
JIS B0202 G1/2
Effective thread:
4 threads min.
17.5 dia. × 15 (See note)
Four, M3.5
M5 × 12
Allen-head
bolt
Three, M4 × 13
Four, M6
Depth: 15 min.
60 max.
42 max.
Three, M4 × 13
67.2 max.
42 max.
60 max.
42 max.
Four, M3.5
17.5 dia. × 7 (see note)
M5 × 12
Allen-head
bolt
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Four, M6
Depth: 15 min.
17.5 dia. × 7(seenote)
Four, M3.5
M5 × 16
Allen-head
bolt
Three, M4 × 13
JIS B0202 G1/2
Effective thread:
4 threads min.
67 max.
42 max.
Adjustable range:
25 to 89
Four, 5.2+0.2
o
dia.
holes
Four, 5.2+0.2
o
dia.
holes
Four, 5.2+0.2
o
dia.
holes
Four, 5.2+0.2
o
dia. holes
Operating characteristics
WLCA2
WL01CA2
WLCA2-7
WL01CA2-7
WLCA2-8
WL01CA2-8
WLCA12
WL01CA12
(see note)
Operating force: OF max.
13.34 N
10.2 N
8.04 N
13.34 N
Release force: RF min.
2.23 N
1.67 N
1.34 N
2.23 N
Pretravel: PT
15±5°
15±5°
15±5°
15±5°
Overtravel: OT min.
30°
30°
30°
30°
Movement differential: MD max.
12°
12°
12°
12°
Note:
The operating characteristics for WLCA12 and WL01CA12 are measured at the lever length of 38 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com