Electronic Components Datasheet Search
  English  ▼

X  

WLD Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # WLD
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button WLD Datasheet HTML 13Page - Omron Electronics LLC WLD Datasheet HTML 14Page - Omron Electronics LLC WLD Datasheet HTML 15Page - Omron Electronics LLC WLD Datasheet HTML 16Page - Omron Electronics LLC WLD Datasheet HTML 17Page - Omron Electronics LLC WLD Datasheet HTML 18Page - Omron Electronics LLC WLD Datasheet HTML 19Page - Omron Electronics LLC WLD Datasheet HTML 20Page - Omron Electronics LLC WLD Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
WL
WL
17
Adjustable Roller Lever
WLH12
WL01H12
WLG12
WL01G12
Note:
1. Stainless sintered roller
2. WLjG12 is identical to other models except in
the shape of the set position marker plate.
3. The built-in switch for WLH12 is W-10FB3.
4. The built-in switch for WLG12 is W-10FB3-8.
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
42 max.
67 max.
Four, M3.5
Three, M4 × 13
Four,
5.2 +0.2
0
dia. holes
17.5 dia. × 7
Adjustable range:
25 to 89
Operating
characteristics
WLH2
WL01H2
WLG2
WL01G2
WLH12
WL01H12
(see note 1)
WLG12
WL01G12
(see note 1)
WLHL
WL01HL
(see note 2)
WLGL
WL01GL
(see note 2)
Operating force: OF
max.
9.81 N
9.81 N
9.81 N
9.81 N
2.84 N
2.84 N
Release force: RF min. 0.98 N
0.98 N
0.98 N
0.98 N
0.25 N
0.25 N
Pretravel: PT
15±5°
+2
--1
10°
15±5°
+2
--1
10°
15±5°
+2
--1
10°
Overtravel: OT min.
55°
65°
55°
65°
55°
65°
Movement differential:
MD max.
12°
7°
12°
7°
12°
7°
Note: 1. The operating characteristics of WLH12, WL01HL12, WLG12, and WL01G12 are measured at the lever length of 38 mm.
2. The operating characteristics of WLHL, WL01HL, WLGL, and WL01GL are measured at the rod length of 140 mm.
OF and RF for WLH12 and WL01H12, with a lever length of 89 mm.
Operating
characteristics
WLH12,
WL01H12
WLG12,
WL01G12
OF
4.18 N
4.18 N
RF
0.42 N
0.42 N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com