Electronic Components Datasheet Search
  English  ▼

X  

WLD Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # WLD
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button WLD Datasheet HTML 12Page - Omron Electronics LLC WLD Datasheet HTML 13Page - Omron Electronics LLC WLD Datasheet HTML 14Page - Omron Electronics LLC WLD Datasheet HTML 15Page - Omron Electronics LLC WLD Datasheet HTML 16Page - Omron Electronics LLC WLD Datasheet HTML 17Page - Omron Electronics LLC WLD Datasheet HTML 18Page - Omron Electronics LLC WLD Datasheet HTML 19Page - Omron Electronics LLC WLD Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
WL
WL
16
Overtravel Models
Overtravel models are Limit Switches which are provided with a
greater OT to facilitate dog setting.
The overtravel models are classified into three types; general-pur-
pose, high-sensitivity, and models which are capable of one-side
90_ operation, the -2N Series.
The-2N Series canalsobeinstalledoneither side.
Since this model is identical to the standard model in dimensions,
both models are interchangeable.
Like the standard model, it is oil-tight, waterproof, and dustproof
(complies with IP67).
Overtravel Models (1)
Overtravel Models (2)
General-purpose, high
sensitivity models
-2N Series
Head can be mounted in any
of the four directions.
The lever operates on either
side at 80_.
One-side operation is
impossible.
The Head can be mounted in
two directions, forward and
backward.
The lever operates on either
side at 90_.
One side operation is
possible.
Overtravel Models (1)
General-purpose/High Sensitivity Models
Dimensions/Operating Characteristics
Note:
1. For all models WLj indicates a standard model and WL01j indicates a microload model.
2. One-side operation is not possible with the general-purpose and high-sensitivity models.
3. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Roller Lever
WLH2
WL01H2
WLG2
WL01G2
Adjustable Rod Lever
WLHL
WL01HL
WLGL
WL01GL
Note:
1. Stainless sintered roller
2. WLjG2 is identical to other models except in
the shape of the set position marker plate.
3. The built-in switch for WLH2 is W-10FB3.
4. The built-in switch for WLG2 is W-10FB3-8.
Note: 1. WLjGL is identical to other models except in
the shape of the set position marker plate.
2. The built-in switch for WLHL is W-10FB3.
3. The built-in switch for WLGL is W-10FB3-8.
17.5 dia. × 7(seenote1)
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
M5 × 12
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Three, M4 × 13
Four, M3.5
60 max.
42 max.
Allen-head
lock screw
3¦0.2 dia. × 160
(see note 1)
Four, M3.5
Three, M4 × 13
42 max.
55 max.
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Adjustable range:
25 to 140



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com