Electronic Components Datasheet Search
  English  ▼

X  

WLD Datasheet(PDF) 18 Page - Omron Electronics LLC

Part # WLD
Description  Two-circuit Limit Switch
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

WLD Datasheet(HTML) 18 Page - Omron Electronics LLC

Back Button WLD Datasheet HTML 14Page - Omron Electronics LLC WLD Datasheet HTML 15Page - Omron Electronics LLC WLD Datasheet HTML 16Page - Omron Electronics LLC WLD Datasheet HTML 17Page - Omron Electronics LLC WLD Datasheet HTML 18Page - Omron Electronics LLC WLD Datasheet HTML 19Page - Omron Electronics LLC WLD Datasheet HTML 20Page - Omron Electronics LLC WLD Datasheet HTML 21Page - Omron Electronics LLC WLD Datasheet HTML 22Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
WL
WL
18
Note: 1. For all models WLj indicates a standard model and WL01j indicates a microload model.
2. Unless otherwise indicated, a tolerance of ±0.4 mm applies to all dimensions.
Adjustable Rod Lever
WLHAL4
WL01HAL4
Rod Spring Lever
WLHAL5
WL01HAL5
Note:
Stainless steel rod
Note:
Piano wire
M5 × 16
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
M5 × 16
Allen-head
bolt
JIS B0202 G1/2
Effective thread:
4 threads min.
Four, M6
Depth: 15 min.
Adjustable range:
350 to 380
Three, M4 × 13
42 max.
Three, M4 × 13
3.2 dia. (see note)
2.3 dia. (see note)
42 max.
Four,
5.2 +0.2
0
dia. holes
Four,
5.2 +0.2
0
dia. holes
Operating
characteristics
WLHAL4
WL01HAL4
(see note 2)
WLHAL5
WL01HAL5
Operating force: OF max.
0.98 N
0.90 N
Release force: RF min.
0.15 N
0.09 N
Pretravel: PT
15±5°
15±5°
Overtravel: OT min.
55°
55°
Movement differential: MD
max.
12°
12°
Note: 1. With WLHAL4, WL01HAL4, WLHAL5, and WL01HAL5,
the actuator’s tare is large, so depending on the installa-
tion direction, they may not be properly reset. Always
install so that the actuator is facing downwards.
2. The operating characteristics of WLHAL4, and
WL01HAL4 are measured at the rod length of 380 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com