Electronic Components Datasheet Search
  English  ▼

X  

ADP2109 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP2109
Description  Compact 600 mA, 3 MHz, Step-Down Converter with Output Discharge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2109 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP2109 Datasheet HTML 5Page - Analog Devices ADP2109 Datasheet HTML 6Page - Analog Devices ADP2109 Datasheet HTML 7Page - Analog Devices ADP2109 Datasheet HTML 8Page - Analog Devices ADP2109 Datasheet HTML 9Page - Analog Devices ADP2109 Datasheet HTML 10Page - Analog Devices ADP2109 Datasheet HTML 11Page - Analog Devices ADP2109 Datasheet HTML 12Page - Analog Devices ADP2109 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADP2109
Rev. B | Page 9 of 16
CH1 500mV
CH4 5V
CH2 500mA
CH3 5V
M 40µs
A CH3
2.1V
3
1
2
4
T 19.80%
SW
IL
VOUT
EN
Figure 21. Startup, VOUT = 1.0 V, 600 mA
CH1 500mV
CH4 5.00V
CH3 2.00V
M 4.00ms
A CH1
380mV
1
3
4
T 73.40%
VIN = 5.5V
LOAD = 0mA
VOUT = 1.0V
VOUT
ENABLE
SW
Figure 22. Typical Discharge Curve, VOUT = 1.0 V, VIN = 5.5 V
CH1 50mV
CH2 500mA
CH4 2V
M 2µs
A CH4
2.64mA
1
2
4
T 20%
VOUT
IL
SW
Figure 23. Typical Power Save Mode Waveform, 50 mA
CH1 20mV
CH2 200mA
CH4 2V
M 200ns
A CH4
2.64V
1
2
4
T 20%
VOUT
IL
SW
Figure 24. Typical PWM Waveform, 200 mA
120
100
80
60
40
20
0
0
TIME (ms)
20
19
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
50µF
20µF
10µF
Figure 25. Discharge Profile with Different Values of Output Capacitors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com