Electronic Components Datasheet Search
  English  ▼

X  

ADP2109 Datasheet(PDF) 10 Page - Analog Devices

Part # ADP2109
Description  Compact 600 mA, 3 MHz, Step-Down Converter with Output Discharge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2109 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP2109 Datasheet HTML 6Page - Analog Devices ADP2109 Datasheet HTML 7Page - Analog Devices ADP2109 Datasheet HTML 8Page - Analog Devices ADP2109 Datasheet HTML 9Page - Analog Devices ADP2109 Datasheet HTML 10Page - Analog Devices ADP2109 Datasheet HTML 11Page - Analog Devices ADP2109 Datasheet HTML 12Page - Analog Devices ADP2109 Datasheet HTML 13Page - Analog Devices ADP2109 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
ADP2109
Data Sheet
Rev. B | Page 10 of 16
THEORY OF OPERATION
GND
FB
VIN
SW
EN
ADP2109
SOFT START
UNDERVOLTAGE
LOCKOUT
OSCILLATOR
THERMAL
SHUTDOWN
DRIVER
AND
ANTISHOOT-
THROUGH
PSM
COMP
LOW
CURRENT
PWM
COMP
ILIMIT
GM ERROR
AMP
PWM/
PSM
CONTROL
Figure 26. Functional Block Diagram
The ADP2109 is a step-down dc-to-dc converter that uses a
fixed frequency and high speed current mode architecture. The
high switching frequency and tiny 5-ball WLCSP package allow
for a small step-down dc-to-dc converter solution.
The ADP2109 operates with an input voltage of 2.3 V to 5.5 V and
regulates an output voltage down to 1.0 V.
CONTROL SCHEME
The ADP2109 operates with a fixed frequency, current mode
PWM control architecture at medium to high loads for high
efficiency, but it shifts to a power save mode control scheme
at light loads, to lower the regulation power losses. When
operating in fixed frequency PWM mode, the duty cycle of the
integrated switches is adjusted and regulates the output voltage.
When operating in power save mode at light loads, the output
voltage is controlled in a hysteretic manner, with higher VOUT
ripple. During part of this time, the converter is able to stop
switching and enters an idle mode, which improves conversion
efficiency.
PWM MODE
In PWM mode, the ADP2109 operates at a fixed frequency of
3 MHz, set by an internal oscillator. At the start of each oscillator
cycle, the PFET switch is turned on, putting a positive voltage
across the inductor. Current in the inductor increases until the
current sense signal crosses the peak inductor current threshold
that turns off the PFET switch and turns on the NFET syn-
chronous rectifier. This puts a negative voltage across the
inductor, causing the inductor current to decrease. The
synchronous rectifier stays on for the rest of the cycle. The
ADP2109 regulates the output voltage by adjusting the peak
inductor current threshold.
POWER SAVE MODE
The ADP2109 smoothly transitions to the power save mode
of operation when the load current decreases below the power
save mode current threshold. On entry to power save mode,
an offset is induced in the PWM regulation level, which makes
the output voltage rise. When it has reached a level of approx-
imately 1.5 % above the PWM regulation level, PWM operation
is turned off. At this point, both power switches are off and the
ADP2109 enters an idle mode. COUT discharges until VOUT falls
to the PWM regulation voltage, at which point the device drives
the inductor to make VOUT rise again to the upper threshold.
This process repeats while the load current is below the power
save mode current threshold.
Power Save Mode Current Threshold
The power save mode current threshold is set to 80 mA. The
ADP2109 employs a scheme that enables this current to remain
accurately controlled, independent of VIN and VOUT levels. This
scheme also ensures that there is very little hysteresis between
the power save mode current threshold for entry to and exit
from the power save mode. The power save mode current
threshold has been optimized for excellent efficiency over
all load currents.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com