Electronic Components Datasheet Search
  English  ▼

X  

ADP2109 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP2109
Description  Compact 600 mA, 3 MHz, Step-Down Converter with Output Discharge
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2109 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP2109 Datasheet HTML 8Page - Analog Devices ADP2109 Datasheet HTML 9Page - Analog Devices ADP2109 Datasheet HTML 10Page - Analog Devices ADP2109 Datasheet HTML 11Page - Analog Devices ADP2109 Datasheet HTML 12Page - Analog Devices ADP2109 Datasheet HTML 13Page - Analog Devices ADP2109 Datasheet HTML 14Page - Analog Devices ADP2109 Datasheet HTML 15Page - Analog Devices ADP2109 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ADP2109
Data Sheet
Rev. B | Page 12 of 16
APPLICATIONS INFORMATION
ADISIMPOWER DESIGN TOOL
The ADP2109 is supported by ADIsimPower design tool set.
ADIsimPower is a collection of tools that produce complete power
designs optimized for a specific design goal. The tools enable
the user to generate a full schematic, bill of materials, and calculate
performance in minutes. ADIsimPower can optimize designs for
cost, area, efficiency, and parts count while taking into consideration
the operating conditions and limitations of the IC and all real
external components. For more information about ADIsimPower
design tools, refer to www.analog.com/ADIsimPower. The tool
set is available from this website, and users can also request an
unpopulated board through the tool.
EXTERNAL COMPONENT SELECTION
Parameters like efficiency and transient response can be
affected by varying the choice of external components in
the applications circuit, as shown in Figure 1.
Inductor
The high switching frequency of the ADP2109 allows for the
selection of small chip inductors. For best performance, use
inductor values between 0.7 μH and 3 μH. Recommended
inductors are shown in Table 6.
The peak-to-peak inductor current ripple is calculated using
the following equation:
L
f
V
V
V
V
I
SW
IN
OUT
IN
OUT
RIPPLE
×
×
−
×
=
)
(
where:
fSW is the switching frequency.
L is the inductor value.
The minimum dc current rating of the inductor must be greater
than the inductor peak current. The inductor peak current is
calculated using the following equation:
2
)
(
RIPPLE
MAX
LOAD
PEAK
I
I
I
+
=
Inductor conduction losses are caused by the flow of current
through the inductor, which has an associated internal DCR.
Larger sized inductors have smaller DCR, which may decrease
inductor conduction losses. Inductor core losses are related to
the magnetic permeability of the core material. Because the
ADP2109 is a high switching frequency dc-to-dc converter,
shielded ferrite core material is recommended for its low core
losses and low EMI.
Table 6. Suggested 1.0 μH Inductors
Vendor
Model
Dimensions
ISAT (mA)
DCR (mΩ)
Murata
LQM2HPN1R0M
2.5 × 2.0 × 1.1
1500
90
Coilcraft
LPS3010-102
3.0 × 3.0 × 0.9
1700
85
Toko
MDT2520-CN
2.5 × 2.0 × 1.2
1800
100
TDK
CPL2512T
2.5 × 1.5 × 1.2
1500
100
Output Capacitor
Higher output capacitor values reduce the output voltage ripple
and improve load transient response. When choosing this value,
it is also important to account for the loss of capacitance due to
output voltage dc bias.
Ceramic capacitors are manufactured with a variety of dielectrics,
each with a different behavior over temperature and applied
voltage. Capacitors must have a dielectric that is adequate to
ensure the minimum capacitance over the necessary temper-
ature range and dc bias conditions. X5R or X7R dielectrics
with a voltage rating of 6.3 V or 10 V are recommended for
best performance. Y5V and Z5U dielectrics are not recom-
mended for use with any dc-to-dc converter because of their
poor temperature and dc bias characteristics.
The worst-case capacitance accounting for capacitor variation
over temperature, component tolerance, and voltage is
calculated using the following equation:
CEFF = COUT × (1 – TEMPCO) × 1(1 – TOL)
where:
CEFF is the effective capacitance at the operating voltage.
TEMPCO is the worst-case capacitor temperature coefficient.
TOL is the worst-case component tolerance.
In this example, the worst-case temperature coefficient (TEMPCO)
over −40°C to +85°C is assumed to be 15% for an X5R dielectric.
The tolerance of the capacitor (TOL) is assumed to be 10%, and
COUT is 9.2481 μF at 1.8 V from the graph in Figure 28.
Substituting these values in the equation yields
CEFF = 9.2481 μF × (1 – 0.15) × (1 – 0.1) = 7.0747 μF
To guarantee the performance of the ADP2109, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
0
2
4
6
8
10
12
0
1
2
3
4
5
6
DC BIAS VOLTAGE (V)
Figure 28. Typical Capacitor Performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com