Electronic Components Datasheet Search
  English  ▼

X  

LW020AF Datasheet(PDF) 6 Page - General Semiconductor

Part # LW020AF
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020AF Datasheet(HTML) 6 Page - General Semiconductor

Back Button LW020AF Datasheet HTML 2Page - General Semiconductor LW020AF Datasheet HTML 3Page - General Semiconductor LW020AF Datasheet HTML 4Page - General Semiconductor LW020AF Datasheet HTML 5Page - General Semiconductor LW020AF Datasheet HTML 6Page - General Semiconductor LW020AF Datasheet HTML 7Page - General Semiconductor LW020AF Datasheet HTML 8Page - General Semiconductor LW020AF Datasheet HTML 9Page - General Semiconductor LW020AF Datasheet HTML 10Page - General Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
66
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Characteristics Curves
8-1481(C).a
Figure 1. LW020 Typical Input Characteristics,
TA =25°C
8-1258(C).a
Figure 2. LW020A, B, C, F, and G Typical Output
Characteristics, TA =25°C
8-1483(C).a
Figure 3. LW020G Typical Converter Efficiency vs.
Output Current, TA =25°C
8-1483(C)
Figure 4. LW020F Typical Converter Efficiency vs.
Output Current, TA =25°C
10
20
30
40
50
60
0.0
0.8
INPUT VOLTAGE, V I (V)
0.6
0.5
0.4
0.7
1.0
70
80
0
0.9
0.3
0.2
0.1
PO = 20 W
PO = 10 W
PO = 2 W
0
100%
VO, nom
80%
VO, nom
40%
VO, nom
20%
VO, nom
60%
VO, nom
NORMALIZED OUTPUT CURRENT, IO (A)
VI = 75
VI = 54
VI = 36
50%
IO, max
100%
IO, max
150%
IO, max
0
1.4
1.9
2.4
2.9
3.4
60
OUTPUT CURRENT, IO (A)
74
76
3.9
0.4
72
62
70
64
VI = 36 V
VI = 48 V
VI = 75 V
68
66
0.9
0.5
1.0
1.5
2.0
2.5
3.0
70
OUTPUT CURRENT, IO (A)
79
78
77
80
3.5
4.0
0.0
76
75
74
VI = 75
VI = 54
VI = 36
73
72
71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com