Electronic Components Datasheet Search
  English  ▼

X  

LW020AF Datasheet(PDF) 14 Page - General Semiconductor

Part # LW020AF
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020AF Datasheet(HTML) 14 Page - General Semiconductor

Back Button LW020AF Datasheet HTML 8Page - General Semiconductor LW020AF Datasheet HTML 9Page - General Semiconductor LW020AF Datasheet HTML 10Page - General Semiconductor LW020AF Datasheet HTML 11Page - General Semiconductor LW020AF Datasheet HTML 12Page - General Semiconductor LW020AF Datasheet HTML 13Page - General Semiconductor LW020AF Datasheet HTML 14Page - General Semiconductor LW020AF Datasheet HTML 15Page - General Semiconductor LW020AF Datasheet HTML 16Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Lineage Power
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Outline Diagram
Dimensions are in millimeters and (inches). Copper paths must not be routed beneath the power module standoffs.
Tolerances: x.x ± 0.5 mm (0.02 in.), x.xx ± 0.25 mm (0.010 in.). Pin-to-pin tolerances are not cumulative.
Note: For standard modules, VI(+) is internally connected to the case.
8-1198(C).g
Top View
Pin
Function
1REMOTE
ON/OFF
2
No Connec-
tion (sync fea-
ture optional)
3VI(–)
4VI(+)
5
CASE Pin
(pin optional)
6TRIM
7VO(–)
8VO(+)
Side View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com