Electronic Components Datasheet Search
  English  ▼

X  

LW020AF Datasheet(PDF) 15 Page - General Semiconductor

Part # LW020AF
Description  LW020 Single-Output-Series Power Modules 36 Vdc to 75 Vdc inputs 20W
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GE [General Semiconductor]
Direct Link  http://www.vishay.com
Logo GE - General Semiconductor

LW020AF Datasheet(HTML) 15 Page - General Semiconductor

Back Button LW020AF Datasheet HTML 8Page - General Semiconductor LW020AF Datasheet HTML 9Page - General Semiconductor LW020AF Datasheet HTML 10Page - General Semiconductor LW020AF Datasheet HTML 11Page - General Semiconductor LW020AF Datasheet HTML 12Page - General Semiconductor LW020AF Datasheet HTML 13Page - General Semiconductor LW020AF Datasheet HTML 14Page - General Semiconductor LW020AF Datasheet HTML 15Page - General Semiconductor LW020AF Datasheet HTML 16Page - General Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
Lineage Power
15
Data Sheet
April 2008
36 Vdc to 75 Vdc Inputs; 20 W
LW020 Single-Output-Series Power Modules:
Recommended Hole Pattern
Component-side footprint.
Dimensions are in millimeters and (inches).
8-1198(C).g
Ordering Information
Table 4. Device Codes
Optional features may be ordered using the device code suffixes shown. To order more than one option, list suf-
fixes in numerically descending order. Please contact your
Lineage Power Account Manager or Field Applica-
tion Engineer for pricing and availability.
Table 5. Device Options
Input Voltage
Output Voltage
Output Power
Device Code
Comcode
48 V
2.5 V
10 W
LW020G
108258195
48 V
3.3 V
13.2 W
LW020F
107640807
48 V
5 V
20 W
LW020A
107314304
48 V
12 V
20 W
LW020B
107681033
48 V
15 V
20 W
LW020C
107640799
Option
Device Code Suffix
Short pins: 2.79 mm ± 0.25 mm
(0.110 in. ± 0.010 in.)
8
Case ground pin
7
Short pins: 3.68 mm ± 0.25 mm
(0.145 in. ± 0.010 in.)
6
Synchronization
3
Negative remote on/off logic
1
CASE OUTLINE
DRILL HOLE OF APPROX.
2.54 (0.100) DIAMETER
TO RECESS STANDOFFS
IF LOWER HEIGHT IS NEEDED
5.08
(0.200)
12.7
(0.50)
2.54 (0.100)
50.8 (2.00)
10.16
(0.400)
20.32
(0.800)
37.8
(1.49)
3.43
(0.135)
38.86
(1.530)
7.62 (0.300)
12.4
(0.49)
17.78
(0.700)
50.8
(2.00)
45.72 (1.800)
15.24
(0.600)
2.5
(0.10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com