Electronic Components Datasheet Search
  English  ▼

X  

ADV212 Datasheet(PDF) 12 Page - Analog Devices

Part # ADV212
Description  Wavescale Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADV212 Datasheet HTML 8Page - Analog Devices ADV212 Datasheet HTML 9Page - Analog Devices ADV212 Datasheet HTML 10Page - Analog Devices ADV212 Datasheet HTML 11Page - Analog Devices ADV212 Datasheet HTML 12Page - Analog Devices ADV212 Datasheet HTML 13Page - Analog Devices ADV212 Datasheet HTML 14Page - Analog Devices ADV212 Datasheet HTML 15Page - Analog Devices ADV212 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
ADV212
Rev. B | Page 12 of 44
EXTERNAL DMA MODE—FIFO WRITE, BURST MODE
Table 8.
Parameter
Mnemonic
Min
Typ
Max
Unit
DREQ Pulse Width1
DREQPULSE
1 JCLK 2
15 JCLK2
ns
WE to DREQ Deassert (DR × PULS = 0)
t
DREQRTN
2.5 JCLK2
3.5 × JCLK + 7.52
ns
DACK to WE Setup
t
DACKSU
0
ns
Data Setup
tSU
2.5
ns
Data Hold
tHD
2
ns
WE Assert Pulse Width
WELOW
1.5 JCLK2
ns
WE Deassert Pulse Width
WEHIGH
1.5 JCLK2
ns
WE Deassert to Next DREQ
t
DREQWAIT
2.5 JCLK2
4.5 × JCLK + 9.02
ns
WE Deassert to DACK Deassert
t
WE_DACK
0
ns
1
Applies to assigned DMA channel, if EDMOD0/EDMOD1[14:11] is programmed to a nonzero value.
2
For a definition of JCLK, see Figure 32.
DREQ
DACK
WE
HDATA
WEHIGH
WELOW
tDACK
SU
tHD
tSU
0
1
13
14
15
tDREQ
WAIT
DREQPULSE
tWE_DACK
Figure 13. Burst Write Cycle for DREQ/DMA Mode for Assigned DMA Channel
(EDMOD0/EDMOD1[14:1] Not Programmed to a Value of 0000)
DREQ
DACK
WE
WEHIGH
WELOW
tDACK
SU
tHD
tSU
0
1
13
14
15
tDREQ
WAIT
tDREQ
RTN
HDATA
tWE_DACK
Figure 14. Burst Write Cycle for DREQ/DMA Mode for Assigned DMA Channel
(EDMOD0/EDMOD1[14:11] Programmed to a Value of 0000)
DREQ
DACK
WEFB
HDATA
WELOW
tDACK
SU
tHD
tSU
0
1
13
14
15
tDREQ
WAIT
WEHIGH
tWE_DACK
tDREQ
RTN
Figure 15. Burst Write Cycle for Fly-By DMA Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com