Electronic Components Datasheet Search
  English  ▼

X  

ADV212 Datasheet(PDF) 17 Page - Analog Devices

Part # ADV212
Description  Wavescale Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADV212 Datasheet HTML 13Page - Analog Devices ADV212 Datasheet HTML 14Page - Analog Devices ADV212 Datasheet HTML 15Page - Analog Devices ADV212 Datasheet HTML 16Page - Analog Devices ADV212 Datasheet HTML 17Page - Analog Devices ADV212 Datasheet HTML 18Page - Analog Devices ADV212 Datasheet HTML 19Page - Analog Devices ADV212 Datasheet HTML 20Page - Analog Devices ADV212 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
ADV212
Rev. B | Page 17 of 44
RAW PIXEL MODE TIMING
Table 12.
Parameter
Mnemonic
Min
Typ
Max
Unit
VCLK to PIXELDATA Valid Delay (PIXELDATA Output)1
VDATATD
12
ns
PIXELDATA Setup to Rising VCLK (PIXELDATA Input)
VDATASU
4
ns
PIXELDATA Hold from Rising VCLK (PIXELDATA Input)
VDATAHD
4
ns
VCLK to VRDY Valid Delay
VRDYTD
12
ns
VFRM Setup to Rising VCLK (VFRAME Input)
VFRMSU
3
ns
VFRM Hold from Rising VCLK (VFRAME Input)
VFRMHD
4
ns
VCLK to VFRM Valid Delay (VFRAME Output)
VFRMTD
12
ns
VSTRB Setup to Rising VCLK
VSTRBSU
4
ns
VSTRB Hold from Rising VCLK
VSTRBHD
3
ns
1
PIXELDATA is the actual data on the VDATA bus; pins and bus width depend on it but timing does not.
RAW PIXEL MODE—ENCODE
VCLK
PIXEL 1
PIXEL 2
PIXEL 3
VSTRBHD
VFRMSU
VFRMHD
VRDYTD
VSTRBSU
VDATAHD
VDATASU
VFRM (IN)
VSTRB (IN)
VRDY (OUT)
PIXELDATA (IN)
RAW PIXEL MODE—DECODE
VCLK
PIXEL 1
PIXEL 2
PIXEL 3
VSTRBSU
VSTRBHD
VFRMTD
VDATATD
VRDYTD
VFRM (OUT)
VSTRB (IN)
VRDY (OUT)
PIXELDATA (OUT)
Figure 28. Raw Pixel Modes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com