Electronic Components Datasheet Search
  English  ▼

X  

ADV212 Datasheet(PDF) 21 Page - Analog Devices

Part # ADV212
Description  Wavescale Video Codec
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV212 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADV212 Datasheet HTML 17Page - Analog Devices ADV212 Datasheet HTML 18Page - Analog Devices ADV212 Datasheet HTML 19Page - Analog Devices ADV212 Datasheet HTML 20Page - Analog Devices ADV212 Datasheet HTML 21Page - Analog Devices ADV212 Datasheet HTML 22Page - Analog Devices ADV212 Datasheet HTML 23Page - Analog Devices ADV212 Datasheet HTML 24Page - Analog Devices ADV212 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ADV212
Rev. B | Page 21 of 44
121-Ball Package
144-Ball Package
Pin No.
Location
Pin No.
Location
Mnemonic
Pins
Used
Type
Description
85
H8
83
G11
ACK
1
O
Acknowledge. Used for direct register accesses.
This signal indicates that the last register access
was successful. Due to synchronization issues,
control and status register accesses may incur an
additional delay; therefore, the host software
should wait for acknowledgment from the
ADV212 before attempting another register
access.
Accesses to the FIFOs (external DMA modes),
on the other hand, are guaranteed to occur
immediately, provided that space is available;
therefore, the host software does not need to
wait for ACK before attempting another register
access, provided that the timing constraints
are observed.
If ACK is shared with more than one device, ACK
should be connected to a pull-up resistor (10 k Ω)
and the PLL_HI register, Bit 4, must be set to 1.
76
G10
82
G10
IRQ
1
O
Interrupt. This pin indicates that the ADV212
requires the attention of the host processor.
This pin can be programmed to indicate the
status of the internal interrupt conditions
within the ADV212. The interrupt sources are
enabled via the bits in the EIRQIE register.
63
F8
72
F12
DREQ0
1
O
Data Request for External DMA Interface.
Indicates that the ADV212 is ready to
send/receive data to/from the FIFO assigned
to DMA Channel 0.
FSRQ0
O
FIFO Service Request. Used in DCS-DMA
mode. Service request from the FIFO assigned
to Channel 0 (asynchronous mode).
VALID
O
Valid Indication for JDATA Input/Output Stream.
Polarity of this pin is programmable in the
EDMOD0 register. VALID is always an output.
CFG1
I
Boot Mode Configuration. This pin is read on
reset to determine the boot configuration of
the on-board processor. The pin should be
tied to IOVDD through a 10 kΩ resistor.
64
F9
71
F11
DACK0
1
I
Data Acknowledge for External DMA Interface.
Signal from the host CPU, which indicates that
the data transfer request (DREQ0) has been
acknowledged and that the data transfer can
proceed. This pin must be held high at all
times if the DMA interface is not used, even if
the DMA channels are disabled.
HOLD
I
External Hold Indication for JDATA Input/Output
Stream. Polarity is programmable in the
EDMOD0 register. This pin is always an input.
FCS0
I
FIFO Chip Select. Used in DCS-DMA mode.
Chip select for the FIFO assigned to Channel 0
(asynchronous mode).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com