Electronic Components Datasheet Search
  English  ▼

X  

ADM236LAN Datasheet(PDF) 5 Page - Analog Devices

Part # ADM236LAN
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236LAN Datasheet(HTML) 5 Page - Analog Devices

  ADM236LAN Datasheet HTML 1Page - Analog Devices ADM236LAN Datasheet HTML 2Page - Analog Devices ADM236LAN Datasheet HTML 3Page - Analog Devices ADM236LAN Datasheet HTML 4Page - Analog Devices ADM236LAN Datasheet HTML 5Page - Analog Devices ADM236LAN Datasheet HTML 6Page - Analog Devices ADM236LAN Datasheet HTML 7Page - Analog Devices ADM236LAN Datasheet HTML 8Page - Analog Devices ADM236LAN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 5 of 20
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
TOP VIEW
(Not to Scale)
ADM231L
T1IN
T2IN
R2IN
R1IN
T1OUT
T2OUT
R2OUT
R1OUT
V+
V–
VCC
C1+
C1–
GND
Figure 2. ADM231L PDIP Pin Configuration
NC
NC = NO CONNECT
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
ADM231L
T1IN
R1IN
T1OUT
R1OUT
V+
VCC
GND
T2IN
R2IN
T2OUT
R2OUT
V–
C1+
C1–
NC
Figure 3. ADM231L SOIC Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
ADM232L
T1IN
R1IN
T1OUT
R1OUT
V+
VCC
GND
T2IN
R2IN
T2OUT
R2OUT
V–
C1+
C1–
C2–
C2+
Figure 4. ADM232L PDIP/CERDIP/SOIC Pin Configuration
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
TOP VIEW
(Not to Scale)
ADM233L
R1IN
T2IN
R2IN
T1OUT
T2OUT
R1OUT
V+
V–
VCC
C1+
C2–
C2+
C1–
GND
GND
C2+
C2–
R2OUT
V–
T1IN
Figure 5. ADM233L PDIP Pin Configuration
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
TOP VIEW
(Not to Scale)
ADM234L
T1IN
T3IN
T3OUT
V+
VCC
GND
T2IN
T4IN
T1OUT
T4OUT
V–
C1+
C1–
C2–
C2+
T2OUT
Figure 6. ADM234L PDIP/CERDIP/SOIC Pin Configuration
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
TOP VIEW
(Not to Scale)
ADM236L
T1IN
T2IN
T1OUT
T2OUT
T3OUT
VCC
GND
SD
EN
R3IN
R1IN
R2IN
R2OUT
R1OUT
R3OUT
T3IN
T4IN
T4OUT
V+
V–
C1+
C1–
C2+
C–
Figure 7. ADM236L PDIP/SOIC Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com