Electronic Components Datasheet Search
  English  ▼

X  

ADM236LAN Datasheet(PDF) 6 Page - Analog Devices

Part # ADM236LAN
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236LAN Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM236LAN Datasheet HTML 2Page - Analog Devices ADM236LAN Datasheet HTML 3Page - Analog Devices ADM236LAN Datasheet HTML 4Page - Analog Devices ADM236LAN Datasheet HTML 5Page - Analog Devices ADM236LAN Datasheet HTML 6Page - Analog Devices ADM236LAN Datasheet HTML 7Page - Analog Devices ADM236LAN Datasheet HTML 8Page - Analog Devices ADM236LAN Datasheet HTML 9Page - Analog Devices ADM236LAN Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 6 of 20
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
TOP VIEW
(Not to Scale)
ADM237L
T1IN
T2IN
T1OUT
T2OUT
T3OUT
VCC
GND
R3IN
R1IN
R2IN
R2OUT
R1OUT
R3OUT
T3IN
T4IN
T4OUT
V+
V–
C1+
C1–
C2+
C2–
T5IN
T5OUT
Figure 8. ADM237L PDIP/CERDIP/SOIC Pin Configuration
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
TOP VIEW
(Not to Scale)
ADM238L
T1IN
R1IN
T1OUT
R2OUT
T2OUT
VCC
GND
R4IN
R2IN
R3IN
R3OUT
R1OUT
R4OUT
T2IN
T3IN
T3OUT
V+
V–
C1+
C1–
C2+
C2–
T4IN
T4OUT
Figure 9. ADM238L PDIP/CERDIP/SOIC Pin Configuration
1
2
3
7
24
23
22
18
8
9
10
17
16
15
11
12
14
13
4
5
21
20
6
19
TOP VIEW
(Not to Scale)
ADM239L
R4IN
R5IN
R1IN
R4OUT
R1OUT
VCC
GND
T3IN
T2IN
R2OUT
R5OUT
R3OUT
R3IN
T1OUT
T1IN
V+
NC
C+
C–
T3OUT
R2IN
T2OUT
V–
EN
Figure 10. ADM239L PDIP/CERDIP/SOIC Pin Configuration
1
2
3
7
28
27
26
22
8
9
10
21
20
19
11
12
18
17
4
5
25
24
6
23
TOP VIEW
(Not to Scale)
13
14
16
15
ADM241L
R2OUT
R2
R5IN
T4IN
R3IN
T1OUT
T2OUT
T3OUT
T4OUT
R5OUT
V+
V–
VCC
C1+
C1–
C2+
C2–
GND
SDOUT
R3OUT
T3IN
R4IN
R4OUT
R1IN
R1OUT
T1IN
T2IN
EN
Figure 11. ADM241L SOIC/SSOP Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com