Electronic Components Datasheet Search
  English  ▼

X  

ADM236LAN Datasheet(PDF) 11 Page - Analog Devices

Part # ADM236LAN
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236LAN Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM236LAN Datasheet HTML 7Page - Analog Devices ADM236LAN Datasheet HTML 8Page - Analog Devices ADM236LAN Datasheet HTML 9Page - Analog Devices ADM236LAN Datasheet HTML 10Page - Analog Devices ADM236LAN Datasheet HTML 11Page - Analog Devices ADM236LAN Datasheet HTML 12Page - Analog Devices ADM236LAN Datasheet HTML 13Page - Analog Devices ADM236LAN Datasheet HTML 14Page - Analog Devices ADM236LAN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 11 of 20
ADM239L
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
T3
T3IN
R1OUT
R1IN
R2OUT
R2IN
TTL/CMOS
OUTPUTS
R3IN
R4IN
R5IN
R3OUT
R4OUT
R5OUT
T3OUT
NC
GND
1
µF
+16V
C1+
C1–
V–
1
µF
+16V
+12V TO –12V
VOLTAGE
INVERTER
1
µF
V+
VCC
+7.5V TO +13.2V
INPUT
R1
R2
R3
R4
R5
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
EN
+5V INPUT
Figure 24. ADM239L Typical Operating Circuit
ADM241L
T1IN
T1
T1OUT
T2IN
T2
T2OUT
RS-232
OUTPUTS
T3
T4
T3IN
T4IN
R1OUT
R1
R1IN
R2OUT
R2
R2IN
TTL/CMOS
OUTPUTS
R3IN
R4IN
R5IN
R3OUT
R4OUT
R5OUT
T3OUT
T4OUT
SD
GND
R3
R4
R5
1
µF
+16V
C1+
C1–
C2–
C2+
V–
1
µF
+16V
+10V TO –10V
VOLTAGE
INVERTER
1
µF
+6.3V
1
µF
+6.3V
+5V INPUT
V+
VCC
+5V TO +10V
VOLTAGE
DOUBLER
1
µF
+16V
TTL/CMOS
INPUTS1
RS-232
INPUTS2
1INTERNAL 400k
Ω PULL-UP RESISTOR ON EACH TTL/CMOS INPUT.
2INTERNAL 5k
Ω PULL-DOWN RESISTOR ON EACH RS-232 INPUT.
EN
Figure 25. ADM241L Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com