Electronic Components Datasheet Search
  English  ▼

X  

ADM236LAN Datasheet(PDF) 12 Page - Analog Devices

Part # ADM236LAN
Description  5 V-Powered CMOS RS-232 Drivers/Receivers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM236LAN Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM236LAN Datasheet HTML 8Page - Analog Devices ADM236LAN Datasheet HTML 9Page - Analog Devices ADM236LAN Datasheet HTML 10Page - Analog Devices ADM236LAN Datasheet HTML 11Page - Analog Devices ADM236LAN Datasheet HTML 12Page - Analog Devices ADM236LAN Datasheet HTML 13Page - Analog Devices ADM236LAN Datasheet HTML 14Page - Analog Devices ADM236LAN Datasheet HTML 15Page - Analog Devices ADM236LAN Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADM231L–ADM234L/ADM236L–ADM241L
Rev. C | Page 12 of 20
GENERAL INFORMATION
The ADM231L–ADM234L/ADM236L–ADM241L family of
RS-232 drivers/receivers is designed to solve interface problems
by meeting the EIA-232-E specifications while using a single
digital 5 V supply. The EIA-232-E standard requires that trans-
mitters deliver ±5 V minimum on the transmission channel
and that receivers can accept signal levels down to ±3 V. The
ADM231L–ADM234L/ADM236L–ADM241L meet these
requirements by integrating step-up voltage converters and
level-shifting transmitters and receivers onto the same chip.
CMOS technology is used to keep the power dissipation to
an absolute minimum. A comprehensive range of transmitter/
receiver combinations is available for most communications needs.
The ADM236L and ADM241L are particularly useful in
battery-powered systems because they feature a low power
shutdown mode that reduces power dissipation to less than 5 µW.
The ADM233L is designed for applications in which space
saving is important because the charge pump capacitors are
molded into the package. The ADM231L and ADM239L
include only a negative charge pump converter and are intended
for applications in which +12 V is available.
To facilitate sharing a common line or for connection to a
microprocessor data bus, the ADM236L, ADM239L, and
ADM241L feature an enable (EN, EN) function. When the
receivers are disabled, their outputs are placed in a high
impedance state.
1
CH1
CH3
5.00V
5.00V BW
CH2 5.00V M50.0
µs CH1
3.1V
V+, V– EXITING SD
T
T
T
SD
V+
V–
Figure 26. Charge Pump V+ and V− Exiting Shutdown
1
CH1
5.00V
CH2 5.00V M1.00
µs CH1
800mV
T
T
Tx OUTPUT
Tx INPUT
2
Figure 27. Transmitter Output Loaded Slew Rate
1
CH1
5.00V
CH2 5.00V M1.00
µs CH1
800mV
T
T
Tx OUTPUT
Tx INPUT
2
Figure 28. Transmitter Output Unloaded Slew Rate
CIRCUIT DESCRIPTION
The internal circuitry in the ADM236L to ADM241L consists of
three main sections: a charge pump voltage converter, RS-232-to-
TTL/CMOS receivers, and TTL/CMOS-to-RS-232 transmitters.
Charge Pump DC-to-DC Voltage Converter
The charge pump voltage converter consists of an oscillator and
a switching matrix. The converter generates a 10 V supply from
the 5 V input. This is done in two stages using a switched
capacitor technique, as illustrated in Figure 29 and Figure 30.
First, the 5 V input supply is doubled to 10 V, using capacitor
C1 as the charge storage element. The 10 V level is then
inverted to generate –10 V, using C2 as the storage element.
S1
S3
V+ = 2VCC
S2
S4
INTERNAL
OSCILLATOR
C1
C3
VCC
GND
VCC
Figure 29. Charge Pump Voltage Doubler
S1
S3
S2
S4
INTERNAL
OSCILLATOR
C2
C4
V+
GND
V– = –(V+)
+
+
GND
FROM
VOLTAGE
DOUBLER
Figure 30. Charge Pump Voltage Inverter
Capacitors C3 and C4 are used to reduce the output ripple.
Their values are not critical and can be reduced if higher levels
of ripple are acceptable. The charge pump capacitors, C1 and C2,
can be reduced at the expense of higher output impedance on the
V+ and V– supplies, and the V+ and V– supplies can be used to
power external circuitry if the current requirements are small.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com