Electronic Components Datasheet Search
  English  ▼

X  

AD9226ARSZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD9226ARSZ
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226ARSZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9226ARSZ Datasheet HTML 7Page - Analog Devices AD9226ARSZ Datasheet HTML 8Page - Analog Devices AD9226ARSZ Datasheet HTML 9Page - Analog Devices AD9226ARSZ Datasheet HTML 10Page - Analog Devices AD9226ARSZ Datasheet HTML 11Page - Analog Devices AD9226ARSZ Datasheet HTML 12Page - Analog Devices AD9226ARSZ Datasheet HTML 13Page - Analog Devices AD9226ARSZ Datasheet HTML 14Page - Analog Devices AD9226ARSZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
REV. B
AD9226
–11–
FREQUENCY – MHz
1
1000
100
10
55
65
75
105
95
85
4th HARMONIC
3RD HARMONIC
2ND HARMONIC
TPC 13. Harmonics vs. Frequency
100
90
85
95
SAMPLE RATE – MSPS
10
20
30
40
50
70
60
80
fIN = 2MHz
fIN = 12MHz
fIN = 20MHz
TPC 14. SFDR vs. Sample Rate
CODE
4000
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
3500
3000
2500
2000
1500
1000
500
0
TPC 15. Typical INL
70.5
70
69.5
69
69.25
69.75
70.25
SAMPLE RATE – MSPS
10
20
30
40
50
70
60
fIN = 2MHz
fIN = 12MHz
fIN = 20MHz
TPC 16. SINAD vs. Sample Rate
% POSITIVE DUTY CYCLE
30
45
35
50
55
70
45
50
55
60
65
70
75
80
85
90
40
60
65
SFDR – CLOCK STABILIZER ON
SINAD – CLOCK STABILIZER ON
SFDR – CLOCK STABILIZER OFF
SINAD – CLOCK STABILIZER OFF
TPC 17. SINAD/SFDR vs. Duty Cycle @ fIN = 20 MHz
CODE
1
0
–1
0
500
1k
1500
2k
2500
3k
3500
4k
–0.8
–0.6
–0.4
–0.2
0.2
0.4
0.6
0.8
TPC 18. Typical DNL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com