Electronic Components Datasheet Search
  English  ▼

X  

AD9226ARSZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD9226ARSZ
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226ARSZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9226ARSZ Datasheet HTML 20Page - Analog Devices AD9226ARSZ Datasheet HTML 21Page - Analog Devices AD9226ARSZ Datasheet HTML 22Page - Analog Devices AD9226ARSZ Datasheet HTML 23Page - Analog Devices AD9226ARSZ Datasheet HTML 24Page - Analog Devices AD9226ARSZ Datasheet HTML 25Page - Analog Devices AD9226ARSZ Datasheet HTML 26Page - Analog Devices AD9226ARSZ Datasheet HTML 27Page - Analog Devices AD9226ARSZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
REV. B
AD9226
–24–
1
2
JP5
C9
0.33 F
R5
49.9
SINGLE
INPUT
S3
R41
1k
R40
1k
C7
0.1 F
AVDD
2
1
8
U2
6
AD8138
5
VDC
VO–
VO
VCC
VEE
W
–W
3
4
R37
499
R36
499
R34
523
R35
499
AMP INPUT
S2
1
2
R31
49.9
C69
0.1 F
C15
10 F
10V
2
1
AVDD
R33
10k
R32
10k
AVDD
C8
0.1 F
JP42
JP40
JP45
R21
22
C44
TBD
VINA
JP46
JP41
JP43
R22
22
C43
TBD
VINB
C24
50pF
SHEET 1
T2
1
2
3
6
5
4
T1–1T
R24
49.9
1
2
XFMR INPUT
S4
DUTAVDD
R38
1k
C25
0.33 F
C16
0.1 F
R8
1k
RP6
22
8
1
D3
D30
RP6
22
7
2
D2
D20
RP6
22
6
3
D1
D10
RP6
22
5
4
D0
D00
RP5
22
8
1
D6
D60
RP5
22
7
2
D5
D50
RP5
22
6
3
D4
D40
RP5
22
5
4
RP4
22
8
1
D10
D100
RP4
22
7
2
D9
D90
RP4
22
6
3
D8
D80
RP4
22
5
4
D7
D70
RP3
22
8
1
OTR
OTRO
RP3
22
7
2
D13
D130
RP3
22
6
3
D12
D120
RP3
22
5
4
D11
D110
Figure 23. AD9226 Evaluation Board
Figure 24. Evaluation Board Component Side Layout (Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com