Electronic Components Datasheet Search
  English  ▼

X  

AD9226ARSZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9226ARSZ
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226ARSZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9226ARSZ Datasheet HTML 16Page - Analog Devices AD9226ARSZ Datasheet HTML 17Page - Analog Devices AD9226ARSZ Datasheet HTML 18Page - Analog Devices AD9226ARSZ Datasheet HTML 19Page - Analog Devices AD9226ARSZ Datasheet HTML 20Page - Analog Devices AD9226ARSZ Datasheet HTML 21Page - Analog Devices AD9226ARSZ Datasheet HTML 22Page - Analog Devices AD9226ARSZ Datasheet HTML 23Page - Analog Devices AD9226ARSZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
REV. B
AD9226
–20–
Digital Output Driver Considerations
The AD9226 output drivers can be configured to interface with
5 V or 3.3 V logic families by setting DRVDD to 5 V or 3.3 V
respectively. The output drivers are sized to provide sufficient
output current to drive a wide variety of logic families. However,
large drive currents tend to cause glitches on the supplies and may
affect converter performance. Applications requiring the ADC to
drive large capacitive loads or large fan outs may require external
buffers or latches.
OEB Function (Three-State)
The LQFP-packaged AD9226 has Three-State (OEB) ability. If
the OEB pin is held low, the output data drivers are enabled. If
the OEB pin is high, the output data drivers are placed in a high
impedance state. It is not intended for rapid access to buss.
Clock Input Considerations
High-speed, high-resolution ADCs are sensitive to the quality of
the clock input. The clock input should be treated as an analog
signal in cases where aperture jitter may affect the dynamic
performance of the AD9226. Power supplies for clock drivers
should be separated from the ADC output driver supplies to
avoid modulating the clock signal with digital noise. Low-jitter
crystal controlled oscillators make the best clock sources.
The quality of the clock input, particularly the rising edge, is
critical in realizing the best possible jitter performance of the
part. Faster rising edges often have less jitter.
Clock Input and Power Dissipation
Most of the power dissipated by the AD9226 is from the analog
power supplies. However, lower clock speeds will reduce digital
current. Figure 16 shows the relationship between power and
clock rate.
SAMPLE RATE – Msps
515
250
200
25
35
300
350
400
450
500
550
600
45
55
65
75
DRVDD = 3V
DRVDD = 5V
Figure 16. Power Consumption vs. Sample Rate
GROUNDING AND DECOUPLING
Analog and Digital Grounding
Proper grounding is essential in any high-speed, high-resolution
system. Multilayer printed circuit boards (PCBs) are recom-
mended to provide optimal grounding and power schemes. The
use of ground and power planes offers distinct advantages:
1. The minimization of the loop area encompassed by a signal
and its return path.
2. The minimization of the impedance associated with ground
and power paths.
3. The inherent distributed capacitor formed by the power
plane, PCB insulation, and ground plane.
It is important to design a layout that prevents noise from cou-
pling onto the input signal. Digital signals should not be run in
parallel with input signal traces and should be routed away from
the input circuitry. While the AD9226 features separate analog
and driver ground pins, it should be treated as an analog com-
ponent. The AVSS and DRVSS pins must be joined together
directly under the AD9226. A solid ground plane under the
ADC is acceptable if the power and ground return currents are
carefully managed.
0.1 F
AVDD
AVSS
AD9226
10 F
Figure 17. Analog Supply Decoupling
Analog and Digital Driver Supply Decoupling
The AD9226 features separate analog and digital supply and
ground pins, helping to minimize digital corruption of sensitive
analog signals. In general, AVDD (analog power) should be
decoupled to AVSS (analog ground). The AVDD and AVSS
pins are adjacent to one another. Also, DRVDD (digital power)
should be decoupled to DRVDD (digital ground). The decoupling
capacitors (especially 0.1
µF) should be located as close to the
pins as possible. Figure 17 shows the recommended decoupling
for the pair of analog supplies; 0.1
µF ceramic chip and 10 µF
tantalum capacitors should provide adequately low impedance
over a wide frequency range.
0.1 F
CML
AD9226
0.1 F
VR
Figure 18. CML Decoupling (LQFP)
Bias Decoupling
The CML and VR are analog bias points used internally by the
AD9226. These pins must be decoupled with at least a 0.1
µF
capacitor as shown in Figure 18. The dc level of CML is approxi-
mately AVDD/2. This voltage should be buffered if it is to be
used for any external biasing. CML and VR outputs are only
available in the LQFP package.
0.1 F
DRVDD
DRVSS
AD9226
10 F
Figure 19. Digital Supply Decoupling
CML
The LQFP-packaged AD9226 has a midsupply reference point.
This midsupply point is used within the internal architecture of
the AD9226 and must be decoupled with a 0.1
µF capacitor. It
will source or sink a load of up to 300
µA. If more current is
required, it should be buffered with a high impedance amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com