Electronic Components Datasheet Search
  English  ▼

X  

AD9226ARSZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD9226ARSZ
Description  Complete 12-Bit, 65 MSPS ADC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9226ARSZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9226ARSZ Datasheet HTML 14Page - Analog Devices AD9226ARSZ Datasheet HTML 15Page - Analog Devices AD9226ARSZ Datasheet HTML 16Page - Analog Devices AD9226ARSZ Datasheet HTML 17Page - Analog Devices AD9226ARSZ Datasheet HTML 18Page - Analog Devices AD9226ARSZ Datasheet HTML 19Page - Analog Devices AD9226ARSZ Datasheet HTML 20Page - Analog Devices AD9226ARSZ Datasheet HTML 21Page - Analog Devices AD9226ARSZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
REV. B
AD9226
–18–
A2
LOGIC
A1
DISABLE
A1
1V
TO
A/D
AD9226
CAPT
CAPB
VREF
SENSE
REFCOM
2.5V
Figure 11a. Equivalent Reference Circuit
0.1 F
10 F
0.1 F
0.1 F
CAPT
CAPB
AD9226
VREF
0.1 F
10 F
Figure 11b. CAPT and CAPB DC-Coupling
The actual reference voltages used by the internal circuitry of the
AD9226 appear on the CAPT and CAPB pins. The voltages
on these pins are symmetrical about the analog supply. For
proper operation when using an internal or external reference, it
is necessary to add a capacitor network to decouple these pins.
Figure 11b shows the recommended decoupling network. The
turn-on time of the reference voltage appearing between CAPT
and CAPB is approximately 10 ms and should be evaluated in
any power-down mode of operation.
USING THE INTERNAL REFERENCE
The AD9226 can be easily configured for either a 1 V p-p input
span or 2 V p-p input span by setting the internal reference.
Other input spans can be realized with two external gain-
setting resistors as shown in Figure 12 of this data sheet, or
using an external reference.
Pin Programmable Reference
By shorting the VREF pin directly to the SENSE pin, the inter-
nal reference amplifier is placed in a unity-gain mode and the
resultant VREF output is 1 V. By shorting the SENSE pin
directly to the REFCOM pin, the internal reference amplifier is
configured for a gain of 2.0 and the resultant VREF output is
2.0 V. The VREF pin should be bypassed to the REFCOM pin
with a 10
µF tantalum capacitor in parallel with a low-inductance
0.1
µF ceramic capacitor as shown in Figure 11b.
Resistor Programmable Reference
Figure 12 shows an example of how to generate a reference
voltage other than 1.0 V or 2.0 V with the addition of two exter-
nal resistors. Use the equation,
VREF = 1 V
× (1 + R1/R2)
to determine appropriate values for R1 and R2. These resistors
should be in the 2 k
Ω to 10 kΩ range. For the example shown,
R1 equals 2.5 k
Ω and R2 equals 5 kΩ. From the equation above,
the resultant reference voltage on the VREF pin is 1.5 V. This
sets the input span to be 1.5 V p-p. The midscale voltage can
also be set to VREF by connecting VINB to VREF. Alterna-
tively, the midscale voltage can be set to 2.5 V by connecting
VINB to a low-impedance 2.5 V source as shown in Figure 12.
VINA
VREF
AD9226
VINB
1.75V
SENSE
REFCOM
0.1 F
10 F
0.1 F
0.1 F
15pF
3.25V
33
33
1.5V
0.1 F
CAPT
2.5V
10 F
R1
2.5k
R2
5k
CAPB
Figure 12. Resistor Programmable Reference (1.5 V p-p
Input Span, Differential Input VCM = 2.5 V)
USING AN EXTERNAL REFERENCE
The AD9226 contains an internal reference buffer, A2 (see
Figure 11b), that simplifies the drive requirements of an external
reference. The external reference must be able to drive about
5k
Ω (±20%) load. Note that the bandwidth of the reference
buffer is deliberately left small to minimize the reference noise
contribution. As a result, it is not possible to rapidly change the
reference voltage in this mode.
Figure 13 shows an example of an external reference driving
both VINB and VREF. In this case, both the common-mode
voltage and input span are directly dependent on the value of
VREF. Both the input span and the center of the input span are
equal to the external VREF. Thus the valid input range extends
from (VREF + VREF/2) to (VREF – VREF/2). For example,
if the REF191, a 2.048 V external reference, is selected, the
input span extends to 2.048 V. In this case, 1 LSB of the AD9226
corresponds to 0.5 mV. It is essential that a minimum of a 10
µF
capacitor, in parallel with a 0.1
µF low-inductance ceramic
capacitor, decouple the reference output to ground.
To use an external reference, the SENSE pin must be connected
to AVDD. This connection will disable the internal reference.
VINA
VREF
AD9226
VINB
SENSE
0.1 F
10 F
0.1 F
0.1 F
15pF
VINA+VREF/2
33
33
0.1 F
CAPT
CAPB
VINB–VREF/2
10 F
VREF
0.1 F
5V
5V
Figure 13. Using an External Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com