Electronic Components Datasheet Search
  English  ▼

X  

L78L18ACUTR Datasheet(PDF) 6 Page - STMicroelectronics

Part # L78L18ACUTR
Description  Positive voltage regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L18ACUTR Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L78L18ACUTR Datasheet HTML 2Page - STMicroelectronics L78L18ACUTR Datasheet HTML 3Page - STMicroelectronics L78L18ACUTR Datasheet HTML 4Page - STMicroelectronics L78L18ACUTR Datasheet HTML 5Page - STMicroelectronics L78L18ACUTR Datasheet HTML 6Page - STMicroelectronics L78L18ACUTR Datasheet HTML 7Page - STMicroelectronics L78L18ACUTR Datasheet HTML 8Page - STMicroelectronics L78L18ACUTR Datasheet HTML 9Page - STMicroelectronics L78L18ACUTR Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Electrical characteristics
L78LxxAB, L78LxxAC, L78LxxC
6/33
Doc ID 2145 Rev 21
4
Electrical characteristics
Refer to the test circuits, TJ = 0 to 125 °C, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless
otherwise specified.
Table 4.
Electrical characteristics of L78L33C (VI = 8.3 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
3.036
3.3
3.564
V
VO
Output voltage
IO = 1 to 40 mA, VI = 5.3 to 20 V
2.97
3.63
V
IO = 1 to 70 mA, VI = 8.3 V
2.97
3.63
ΔVO
Line regulation
VI = 5.3 to 20 V, TJ = 25 °C
150
mV
VI = 6.3 to 20 V, TJ = 25 °C
100
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
60
mV
IO = 1 to 40 mA, TJ = 25 °C
30
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 6.3 to 20 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
40
µV
SVR
Supply voltage rejection
VI = 6.3 to 16.3 V, f = 120 Hz
IO = 40 mA, TJ = 25 °C
41
49
dB
Vd
Dropout voltage
1.7
V
Table 5.
Electrical characteristics of L78L05C (VI = 10 V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VO
Output voltage
TJ = 25 °C
4.6
5
5.4
V
VO
Output voltage
IO = 1 to 40 mA, VI = 7 to 20 V
4.5
5.5
V
IO = 1 to 70 mA, VI = 10 V
4.5
5.5
ΔVO
Line regulation
VI = 8.5 to 20 V, TJ = 25 °C
200
mV
VI = 9 to 20 V, TJ = 25 °C
150
ΔVO
Load regulation
IO = 1 to 100 mA, TJ = 25 °C
60
mV
IO = 1 to 40 mA, TJ = 25 °C
30
Id
Quiescent current
TJ = 25 °C
6
mA
TJ = 125 °C
5.5
mA
ΔId
Quiescent current change
IO = 1 to 40 mA
0.2
mA
VI = 8 to 20 V
1.5
eN
Output noise voltage
B =10 Hz to 100 kHz, TJ = 25 °C
40
µV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com