Electronic Components Datasheet Search
  English  ▼

X  

L78L18ACUTR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L78L18ACUTR
Description  Positive voltage regulators
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L78L18ACUTR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L78L18ACUTR Datasheet HTML 17Page - STMicroelectronics L78L18ACUTR Datasheet HTML 18Page - STMicroelectronics L78L18ACUTR Datasheet HTML 19Page - STMicroelectronics L78L18ACUTR Datasheet HTML 20Page - STMicroelectronics L78L18ACUTR Datasheet HTML 21Page - STMicroelectronics L78L18ACUTR Datasheet HTML 22Page - STMicroelectronics L78L18ACUTR Datasheet HTML 23Page - STMicroelectronics L78L18ACUTR Datasheet HTML 24Page - STMicroelectronics L78L18ACUTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
L78LxxAB, L78LxxAC, L78LxxC
Package mechanical data
Doc ID 2145 Rev 21
21/33
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A1.35
1.75
0.053
0.069
A1
0.10
0.25
0.04
0.010
A2
1.10
1.65
0.043
0.065
B0.33
0.51
0.013
0.020
C0.19
0.25
0.007
0.010
D4.80
5.00
0.189
0.197
E
3.80
4.00
0.150
0.157
e
1.27
0.050
H5.80
6.20
0.228
0.244
h
0.25
0.50
0.010
0.020
L
0.40
1.27
0.016
0.050
k
8° (max.)
ddd
0.1
0.04
SO-8 mechanical data
0016023/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com