| Electronic Components Datasheet Search |
|
L78L18ACUTR Datasheet(PDF) 11 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L18ACUTR Datasheet(HTML) 11 Page - STMicroelectronics |
|
11 / 33 page ![]() L78LxxAB, L78LxxAC, L78LxxC Electrical characteristics Doc ID 2145 Rev 21 11/33 TJ = 0 to 125 °C for L78L05AC, TJ = -40 to 125 °C for L78L05AB. TJ = 0 to 125 °C for L78L06AC, TJ = -40 to 125 °C for L78L06AB. ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 60 mV IO = 1 to 40 mA, TJ = 25 °C 30 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 6.3 to 20 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 40 µV SVR Supply voltage rejection VI = 6.3 to 16.3 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 41 49 dB Vd Dropout voltage 1.7 V Table 13. Electrical characteristics of L78L33AB and L78L33AC (VI = 8.3 V) (continued) Symbol Parameter Test conditions Min. Typ. Max. Unit Table 14. Electrical characteristics of L78L05AB and L78L05AC (VI = 10 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 4.8 5 5.2 V VO Output voltage IO = 1 to 40 mA, VI = 7 to 20 V 4.75 5.25 V IO = 1 to 70 mA, VI = 10 V 4.75 5.25 ΔVO Line regulation VI = 7 to 20 V, TJ = 25 °C 150 mV VI = 8 to 20 V, TJ = 25 °C 100 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 60 mV IO = 1 to 40 mA, TJ = 25 °C 30 Id Quiescent current TJ = 25 °C 6 mA TJ = 125 °C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 8 to 20 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 40 µV SVR Supply voltage rejection VI = 8 to 18 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 41 49 dB Vd Dropout voltage 1.7 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |