| Electronic Components Datasheet Search |
|
L78L18ACUTR Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L78L18ACUTR Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 33 page ![]() Electrical characteristics L78LxxAB, L78LxxAC, L78LxxC 14/33 Doc ID 2145 Rev 21 TJ = 0 to 125 °C for L78L12AC, TJ = -40 to 125 °C for L78L12AB. TJ = 0 to 125 °C for L78L15AC, TJ = -40 to 125 °C for L78L15AB. Table 19. Electrical characteristics of L78L12AB and L78L12AC (VI = 19 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 11.5 12 12.5 V VO Output voltage IO = 1 to 40 mA, VI = 14.5 to 27 V 11.4 12.6 V IO = 1 to 70 mA, VI = 19 V 11.4 12.6 ΔVO Line regulation VI = 14.5 to 27 V, TJ = 25 °C 250 mV VI = 16 to 27 V, TJ = 25 °C 200 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 100 mV IO = 1 to 40 mA, TJ = 25 °C 50 Id Quiescent current TJ = 25 °C 6.5 mA TJ = 125 °C 6 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 16 to 27 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 80 µV SVR Supply voltage rejection VI = 15 to 25 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 37 42 dB Vd Dropout voltage 1.7 V Table 20. Electrical characteristics of L78L15AB and L78L15AC (VI = 23 V) Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25 °C 14.4 15 15.6 V VO Output voltage IO = 1 to 40 mA, VI = 17.5 to 30 V 14.25 15.75 V IO = 1 to 70 mA, VI = 23 V 14.25 15.75 ΔVO Line regulation VI = 17.5 to 30 V, TJ = 25 °C 300 mV VI = 20 to 30 V, TJ = 25 °C 250 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25 °C 150 mV IO = 1 to 40 mA, TJ = 25 °C 75 Id Quiescent current TJ = 25 °C 6.5 mA TJ = 125 °C 6 mA ΔId Quiescent current change IO = 1 to 40 mA 0.1 mA VI = 20 to 30 V 1.5 eN Output noise voltage B =10 Hz to 100 kHz, TJ = 25 °C 90 µV SVR Supply voltage rejection VI = 18.5 to 28.5 V, f = 120 Hz IO = 40 mA, TJ = 25 °C 34 39 dB Vd Dropout voltage 1.7 V |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |