Electronic Components Datasheet Search
  English  ▼

X  

AP2152 Datasheet(PDF) 5 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 5 Page - Asahi Kasei Microsystems

  AP2152 Datasheet HTML 1Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
[AP2152]
MS1348-E-00
5
2012/05
ELECTRICAL CHARACTERISTICS
VIN=12V, GND=PGND=0V, RISET=36kΩ, RT=91kΩ, PWM=5V, TA=+25°C unless otherwise specified.
Items marked by● are guaranteed by design in the range of -30℃ to +85℃.
Value
Parameter
Symbol
MIN
TYP
MAX
Unit
Condition
DC/DC Converter
Input voltage Range
VIN
●
4.25
35
V
Supply Current(SW ON)
IDD
5
10
mA
Standby Current
ISTB
5.0
10
μA
After start up PWM =0V *1
UVLO Voltage
VUVLO
3.75
4.0
4.25
V
UVLO On VIN
UVLO Hysteresis Width
VHYS_UVLO
0.2
V
UVLO Off VIN
1.86
2.0
2.14
MHz
●
1.80
2.0
2.17
MHz
RT=55kΩ
1.21
1.3
1.39
MHz
Switching Frequency
FOSC
●
1.18
1.3
1.42
MHz
RT=91kΩ
LX On Resistance
RLX
400
800
mΩ
ILX=+30mA
LX Off Leak Current
ILEAK_LX
0.1
1.0
μA
VLX=45V
Maximum On Duty
DMAX
90
95
%
FOSC=1.3MHz
LX Minimum On Time
TLX_MIN
●
50
ns
COMP Output High Voltage
VOH_COMP
4.55
4.9
V
ICOMP=-10μA
COMP Output Low Voltage
VOL_COMP
0.1
0.2
V
ICOMP=+10μA
680
800
920
mV
Error Amp Reference Voltage
VREF_EA
●
600
800
1000
mV
RISET=36 kΩ
Current Sink Circuit and Dimming Part
LED Current Range
ILED
●
10
120
mA
73.15
75.8
78.46
mA
RISET=36kΩ
2
I
I
)
mA
(
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
TYP
_
LED
−
−
+
=
ILED_TYP1
●
72.39
75.8
79.21
mA
RISET=36kΩ
2
I
I
)
mA
(
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
TYP
_
LED
−
−
+
=
28.8
30.0
31.2
mA
RISET=91kΩ
2
I
I
)
mA
(
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
TYP
_
LED
−
−
+
=
ILED_TYP2
●
28.5
30.0
31.5
mA
RISET=91kΩ
2
I
I
)
mA
(
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
TYP
_
LED
−
−
+
=
LED Current
ILED_TYP3
●
62.08
65.0
67.93
mA
RISET=42kΩ
2
I
I
)
mA
(
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
TYP
_
LED
−
−
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com