Electronic Components Datasheet Search
  English  ▼

X  

AP2152 Datasheet(PDF) 6 Page - Asahi Kasei Microsystems

Part # AP2152
Description  3CH High Power WLED Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AP2152 Datasheet(HTML) 6 Page - Asahi Kasei Microsystems

Back Button AP2152 Datasheet HTML 2Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 3Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 4Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 5Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 6Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 7Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 8Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 9Page - Asahi Kasei Microsystems AP2152 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
[AP2152]
MS1348-E-00
6
2012/05
Electrical Characteristics (continuation)
Value
Parameter
Symbol
MIN
TYP
MAX
Unit
Condition
ΔILED1
-2.5
±0.8
+2.5
%
RISET= 36kΩ,
ILED_TYP=75.8mA
100
I
I
I
I
(%)
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
LED
×
+
=
ΔILED2
-5.0
±1.5
+5.0
%
RISET= 91kΩ,
ILED_TYP=30.0mA
100
I
I
I
I
(%)
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
LED
×
+
=
LED Current Accuracy
Between Channels
ΔILED3
-2.5
±0.8
+2.5
%
RISET= 42kΩ,
ILED_TYP=65.0mA
100
I
I
I
I
(%)
I
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
MIN
)
3
1
(
CH
MAX
)
3
1
(
CH
LED
×
+
=
tr
1
2
LED Current Rising Time to
PWM Input
RT=55kΩ
LED Current Delay Time
tf
0.5
1
μs
LED Current Falling Time to
PWM Input
RT=55kΩ
LDO
4.75
5.0
5.25
V
Output Voltage
VDC
4.50
5.0
5.50
V
VIN=12V, IDC=10mA
Protection Function
OVP Reference Voltage
VOVP
1.15
1.2
1.25
V
LED Short Criterion Voltage
VSHT
10.8
12
13.2
V
CH1~CH3 pin
LX Limited Current
ILX_LIMIT
2.6
A
PGOOD On Resistance
RPGOOD
100
IPGOOD=+10mA
TM Voltage
VTM
1.9
2.0
2.1
V
TM Constant Output Current
ITM
8
10
12
μA
TM=1.0V
Switching Frequency Range
FOSC
0.2
2.5
MHz
Input High Level Voltage
VIH
2.1
V
PWM, SCLK, SYNC
Input Low Level Voltage
VIL
0.7
V
PWM, SCLK, SYNC
CLKO Output
High Level Voltage
VOH_CLKO
4.0
V
ICLKO=-1mA
CLKO Output
Low Level Voltage
VOL_CLKO
0.3
V
ICLKO=+1mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com