Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 124 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 124 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 120Page - Altera Corporation EP3C40 Datasheet HTML 121Page - Altera Corporation EP3C40 Datasheet HTML 122Page - Altera Corporation EP3C40 Datasheet HTML 123Page - Altera Corporation EP3C40 Datasheet HTML 124Page - Altera Corporation EP3C40 Datasheet HTML 125Page - Altera Corporation EP3C40 Datasheet HTML 126Page - Altera Corporation EP3C40 Datasheet HTML 127Page - Altera Corporation EP3C40 Datasheet HTML 128Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 274 page
background image
7–2
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
High-Speed I/O Interface
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Figure 7–1 shows the I/O banks of the Cyclone III device family.
Figure 7–1. Cyclone III Device Family I/O Banks
Notes to Figure 7–1:
(1) The PCI-X I/O standard does not meet the IV curve requirement at the linear region.
(2) The RSDS, mini-LVDS, and PPDS I/O standards are only supported on output pins. These I/O standards are not supported on input pins.
(3) The LVPECL I/O standard is only supported on dedicated clock input pins. This I/O standard is not supported on output pins.
(4) The differential SSTL-2, SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O standards are only supported on dedicated clock input pins and PLL
output clock pins. PLL output clock pins do not support Class II interface type of differential SSTL-18, HSTL-18, HSTL-15, and HSTL-12 I/O
standards.
(5) BLVDS output uses two single-ended outputs with the second output programmed as inverted. BLVDS input uses LVDS input buffer.
All I/O Banks Support:
3.3-V LVTTL/LVCMOS
3.0-V LVTTL/LVCMOS
2.5-V LVTTL/LVCMOS
1.8-V LVTTL/LVCMOS
1.5-V LVCMOS
1.2-V LVCMOS
3.0-V PCI/PCI-X (1)
LVDS
RSDS (2)
BLVDS (5)
mini-LVDS (2)
PPDS (2)
LVPECL (3)
SSTL-2 Class I and II
SSTL-18 Class I and II
HSTL-18 Class I and II
HSTL-15 Class I and II
HSTL-12 Class I
Differential SSTL-2 (4)
Differential SSTL-18 (4)
Differential HSTL-18 (4)
DIfferential HSTL-15 (4)
Differential HSTL-12 (4)
I/O Bank 8
I/O Bank 7
I/O Bank 3
I/O Bank 4
I/O banks 7 and 8 also support the
HSTL-12 Class II I/O standard
I/O banks 3 and 4 also support the
HSTL-12 Class II I/O standard



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com