Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 127 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 127 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 123Page - Altera Corporation EP3C40 Datasheet HTML 124Page - Altera Corporation EP3C40 Datasheet HTML 125Page - Altera Corporation EP3C40 Datasheet HTML 126Page - Altera Corporation EP3C40 Datasheet HTML 127Page - Altera Corporation EP3C40 Datasheet HTML 128Page - Altera Corporation EP3C40 Datasheet HTML 129Page - Altera Corporation EP3C40 Datasheet HTML 130Page - Altera Corporation EP3C40 Datasheet HTML 131Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 274 page
background image
Chapter 7: High-Speed Differential Interfaces in the Cyclone III Device Family
7–5
High-Speed I/O Interface
December 2011
Altera Corporation
Cyclone III Device Handbook
Volume 1
Table 7–3 lists the numbers of differential channels that can be migrated in
Cyclone III devices.
Cyclone III LS Devices
EP3CLS70
U484
101
8
4
113
F484
101
8
4
113
F780
169
8
4
181
EP3CLS100
U484
101
8
4
113
F484
101
8
4
113
F780
169
8
4
181
EP3CLS150
F484
75
8
4
87
F780
169
8
4
181
EP3CLS200
F484
75
8
4
87
F780
169
8
4
181
Notes to Table 7–2:
(1) User I/O pins are used as inputs or outputs; clock input pins are used as inputs only; clock output pins are used as output only.
(2) For differential pad placement guidelines, refer to the I/O Features in the Cyclone III Device Family chapter.
Table 7–2. Cyclone III Device Family Differential Channels
(Part 2 of 2)
Cyclone III Device Family
Device
Package
Number of Differential Channels (1), (2)
User I/O
Clock Input
Clock
Output
Total
Table 7–3. Cyclone III Devices Migratable Differential Channels (1)
(Part 1 of 2)
Package
Type
Migration Between Devices
Migratable Channels
User I/O
CLK
Total
E144
EP3C5 and EP3C10
16
4
20
EP3C5 and EP3C16
5
4
9
EP3C5 and EP3C25
6
4
10
EP3C10 and EP3C16
5
4
9
EP3C10 and EP3C25
6
4
10
EP3C16 and EP3C25
5
8
13
M164
EP3C5 and EP3C10
22
4
26
EP3C5 and EP3C16
11
4
15
EP3C10 and EP3C16
19
4
14
Q240
EP3C16 and EP3C25
23
8
31
EP3C16 and EP3C40
11
8
19
EP3C25 and EP3C40
12
8
20
F256
EP3C5 and EP3C10
62
4
66
EP3C5 and EP3C16
39
4
43
EP3C5 and EP3C25
40
4
44
EP3C10 and EP3C16
39
4
43
EP3C10 and EP3C25
40
4
44
EP3C16 and EP3C25
33
8
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com