Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 230 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 230 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 226Page - Altera Corporation EP3C40 Datasheet HTML 227Page - Altera Corporation EP3C40 Datasheet HTML 228Page - Altera Corporation EP3C40 Datasheet HTML 229Page - Altera Corporation EP3C40 Datasheet HTML 230Page - Altera Corporation EP3C40 Datasheet HTML 231Page - Altera Corporation EP3C40 Datasheet HTML 232Page - Altera Corporation EP3C40 Datasheet HTML 233Page - Altera Corporation EP3C40 Datasheet HTML 234Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 274 page
background image
9–72
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Design Security
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
AES volatile key zeroization is supported in Cyclone III LS devices. The volatile key
clear and key program JTAG instructions from the device core is supported to protect
Cyclone III LS devices against tampering. You can clear and reprogram the key from
the device core whenever tampering attempt is detected by executing the
KEY_CLR_VREG
and KEY_PROG_VOL JTAG instructions to clear and reprogram the
volatile key, and then reset the Cyclone III LS device by pulling the nCONFIG pin low
for at least 500 ns. When nCONFIG returns to a logic-high level and nSTATUS is released
by the Cyclone III LS device, reconfiguration begins to configure the Cyclone III LS
device with a benign or unencrypted configuration file. After configuration is
successfully completed, observe the cyclecomplete signal from error detection block
to ensure that reconfigured CRAM bits content is correct for at least one error
detection cycle. You can also observe the cyclecomplete and crcerror signals for any
unintentional CRAM bits change.
f cyclecomplete is a signal that is routed from the error detection block to the core for
the purpose of every complete error detection cycle. You must include the
cycloneiiils_crcblock
WYSIWYG atom in your design to use the cyclecomplete
signal. For more information about the SEU mitigation, refer to the SEU Mitigation in
Cyclone III Devices chapter.
VCCBAT is a dedicated power supply for the volatile key storage and not shared with
other on-chip power supplies, such as VCCIO or VCC. VCCBAT continuously supplies
power to the volatile register regardless of the on-chip supply condition. The nominal
voltage for this supply is 3.0 V, while its valid operating range is from 1.2 to 3.3 V. If
you do not use the volatile security key, you may connect the VCCBAT to a 1.8-V, 2.5-V,
or 3.0-V power supply.
1 After power-up, wait for 200 ms (Standard POR) or 9 ms (Fast POR) before beginning
the key programming to ensure that VCCBAT is at its full rail.
1 As an example, BR1220 (-30°C to +80°C) and BR2477A (-40 C to +125°C) are lithium
coin-cell type batteries used for volatile key storage purposes.
f For more information about the battery specifications, refer to the Cyclone III LS Device
Data Sheet chapter.
Cyclone III LS Design Security Solution
Cyclone III LS devices are SRAM-based devices. To provide design security,
Cyclone III LS devices require a 256-bit volatile key for configuration bitstream
encryption.
Design protection
Secure against copying, reverse engineering, and
tampering
Note to Table 9–24:
(1) Key programming is carried out using the JTAG interface.
Table 9–24. Security Key Features
(Part 2 of 2)
Volatile Key Features
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com