Electronic Components Datasheet Search
  English  ▼

X  

EP3C40 Datasheet(PDF) 232 Page - Altera Corporation

Part # EP3C40
Description  This section provides a complete overview of all features relating to the Cyclone III device family
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

EP3C40 Datasheet(HTML) 232 Page - Altera Corporation

Back Button EP3C40 Datasheet HTML 228Page - Altera Corporation EP3C40 Datasheet HTML 229Page - Altera Corporation EP3C40 Datasheet HTML 230Page - Altera Corporation EP3C40 Datasheet HTML 231Page - Altera Corporation EP3C40 Datasheet HTML 232Page - Altera Corporation EP3C40 Datasheet HTML 233Page - Altera Corporation EP3C40 Datasheet HTML 234Page - Altera Corporation EP3C40 Datasheet HTML 235Page - Altera Corporation EP3C40 Datasheet HTML 236Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 274 page
background image
9–74
Chapter 9: Configuration, Design Security, and Remote System Upgrades in the Cyclone III Device Family
Remote System Upgrade
Cyclone III Device Handbook
August 2012
Altera Corporation
Volume 1
No Key Operation
Only unencrypted configuration bitstreams are allowed to configure the device.
FACTORY Mode
After power up, Cyclone III LS devices must be in FACTORY mode to program the
volatile key. The FACTORY private JTAG instruction must be issued after the device
successfully exits from POR and before the device starts loading the core
configuration data to enable access to all other instructions from the JTAG pins. The
device configuration data and AES volatile key are cleared if the FACTORY instruction
is executed.
Table 9–25 lists the configuration bitstream and the configuration mode supported for
each security mode.
Remote System Upgrade
Cyclone III devices support remote system upgrade in AS and AP configuration
schemes. Cyclone III LS devices support remote system upgrade in the AS
configuration scheme only. Remote system upgrade can also be implemented with
advanced Cyclone III features such as real-time decompression of configuration data
in the AS configuration scheme.
■
The serial configuration device uses the AS configuration scheme to configure
Cyclone III or Cyclone III LS devices
■
The supported parallel flash uses the AP configuration scheme to configure
Cyclone III devices
■
Remote system upgrade is not supported in the multi-device configuration chain
for any configuration scheme.
Table 9–25. Security Modes Supported
Mode
Function
Configuration
File
Allowed Configuration Mode
Volatile Key
Secure
Encrypted
PS with AES (without decompression).
FPP with AES (without decompression).
Remote update fast AS with AES
(without decompression).
Fast AS (without decompression).
Board-Level
Testing
Unencrypted
All configuration modes that do not
engage the design security feature.
No Key
—
Unencrypted
All configuration modes that do not
engage the design security feature.
FACTORY
Volatile Key
Programming
——



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com