Electronic Components Datasheet Search
  English  ▼

X  

PMC85XP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMC85XP
Description  30 V P-channel MOSFET with pre-biased NPN transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMC85XP Datasheet(HTML) 2 Page - NXP Semiconductors

  PMC85XP Datasheet HTML 1Page - NXP Semiconductors PMC85XP Datasheet HTML 2Page - NXP Semiconductors PMC85XP Datasheet HTML 3Page - NXP Semiconductors PMC85XP Datasheet HTML 4Page - NXP Semiconductors PMC85XP Datasheet HTML 5Page - NXP Semiconductors PMC85XP Datasheet HTML 6Page - NXP Semiconductors PMC85XP Datasheet HTML 7Page - NXP Semiconductors PMC85XP Datasheet HTML 8Page - NXP Semiconductors PMC85XP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
NXP Semiconductors
PMC85XP
30 V P-channel MOSFET with pre-biased NPN transistor
PMC85XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
15 May 2013
2 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
NPN RET
R1
bias resistor 1
3.3
4.7
6.1
kΩ
R2
bias resistor 2
-
47
-
kΩ
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and mounting pad
for drain 6 cm2
5. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
E
emitter
2
B
base
3
D
drain
4
S
source
5
G
gate
6
C
collector
7
C
collector
8
D
drain
Transparent top view
6
7
8
5
4
1
2
3
DFN2020-6 (SOT1118)
017aaa396
G
E
C
S
B
D
R2
R1
6. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMC85XP
DFN2020-6
plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals; body 2 x 2 x 0.65 mm
SOT1118
7. Marking
Table 4.
Marking codes
Type number
Marking code
PMC85XP
1K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com