Electronic Components Datasheet Search
  English  ▼

X  

PMC85XP Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PMC85XP
Description  30 V P-channel MOSFET with pre-biased NPN transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMC85XP Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PMC85XP Datasheet HTML 3Page - NXP Semiconductors PMC85XP Datasheet HTML 4Page - NXP Semiconductors PMC85XP Datasheet HTML 5Page - NXP Semiconductors PMC85XP Datasheet HTML 6Page - NXP Semiconductors PMC85XP Datasheet HTML 7Page - NXP Semiconductors PMC85XP Datasheet HTML 8Page - NXP Semiconductors PMC85XP Datasheet HTML 9Page - NXP Semiconductors PMC85XP Datasheet HTML 10Page - NXP Semiconductors PMC85XP Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
NXP Semiconductors
PMC85XP
30 V P-channel MOSFET with pre-biased NPN transistor
PMC85XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
15 May 2013
7 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Crss
reverse transfer
capacitance
-
40
-
pF
td(on)
turn-on delay time
-
3
-
ns
tr
rise time
-
15
-
ns
td(off)
turn-off delay time
-
112
-
ns
tf
fall time
VDS = -15 V; ID = -2.6 A; RG(ext) = 6 Ω;
VGS = -4.5 V; Tj = 25 °C
-
48
-
ns
P-channel Trench MOSFET; source-drain diode
VSD
source-drain voltage
IS = -1.2 A; VGS = 0 V; Tj = 25 °C
-
-0.8
-1.2
V
NPN RET
ICBO
collector-base cut-off
current
VCB = 50 V; IE = 0 A; Tj = 25 °C
-
-
100
nA
VCE = 30 V; IB = 0 A; Tj = 25 °C
-
-
1
µA
ICEO
collector-emitter cut-off
current
VCE = 30 V; IB = 0 A; Tj = 150 °C
-
-
50
µA
IEBO
emitter-base cut-off
current
VEB = 5 V; IC = 0 A; Tj = 25 °C
-
-
170
µA
hFE
DC current gain
VCE = 5 V; IC = 10 mA; Tj = 25 °C
100
-
-
VCEsat
collector-emitter
saturation voltage
IC = 5 mA; IB = 0.25 mA; Tj = 25 °C
-
-
100
mV
VI(off)
off-state input voltage
IC = 100 µA; VCE = 5 V; Tj = 25 °C
-
0.6
0.5
V
VI(on)
on-state input voltage
IC = 5 mA; VCE = 0.3 V; Tj = 25 °C
1.3
0.9
-
V
R1
bias resistor 1
3.3
4.7
6.1
kΩ
R2
bias resistor 2
-
47
-
kΩ
R2/R1
bias resistor ratio
8
10
12
CC
collector capacitance
IE = 0 A; ie = 0 A; f = 1 MHz; Tj = 25 °C;
VCB = 10 V
-
-
2.5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com