Electronic Components Datasheet Search
  English  ▼

X  

PMC85XP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMC85XP
Description  30 V P-channel MOSFET with pre-biased NPN transistor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMC85XP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMC85XP Datasheet HTML 1Page - NXP Semiconductors PMC85XP Datasheet HTML 2Page - NXP Semiconductors PMC85XP Datasheet HTML 3Page - NXP Semiconductors PMC85XP Datasheet HTML 4Page - NXP Semiconductors PMC85XP Datasheet HTML 5Page - NXP Semiconductors PMC85XP Datasheet HTML 6Page - NXP Semiconductors PMC85XP Datasheet HTML 7Page - NXP Semiconductors PMC85XP Datasheet HTML 8Page - NXP Semiconductors PMC85XP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
NXP Semiconductors
PMC85XP
30 V P-channel MOSFET with pre-biased NPN transistor
PMC85XP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved
Product data sheet
15 May 2013
5 / 15
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-sp)
thermal resistance
from junction to solder
point
-
10
15
K/W
NPN RET
[1]
-
233
270
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air
[2]
-
110
127
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
25
30
K/W
[1] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper; tin-plated and standard
footprint.
[2] Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and mounting pad
for drain 6 cm2
017aaa398
10
1
102
103
Zth(j-a)
(K/W)
10-1
10-5
10
10-2
10-4
102
10-1
tp (s)
10-3
103
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 4. P-channel Trench MOSFET: Transient thermal impedance from junction to ambient as a function of pulse
duration; typical values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com