Electronic Components Datasheet Search
  English  ▼

X  

PMPB48EP Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PMPB48EP
Description  30 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB48EP Datasheet(HTML) 4 Page - NXP Semiconductors

  PMPB48EP Datasheet HTML 1Page - NXP Semiconductors PMPB48EP Datasheet HTML 2Page - NXP Semiconductors PMPB48EP Datasheet HTML 3Page - NXP Semiconductors PMPB48EP Datasheet HTML 4Page - NXP Semiconductors PMPB48EP Datasheet HTML 5Page - NXP Semiconductors PMPB48EP Datasheet HTML 6Page - NXP Semiconductors PMPB48EP Datasheet HTML 7Page - NXP Semiconductors PMPB48EP Datasheet HTML 8Page - NXP Semiconductors PMPB48EP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
NXP Semiconductors
PMPB48EP
30 V, single P-channel Trench MOSFET
PMPB48EP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
10 September 2012
4 / 14
017aaa772
-1
-10-1
-10
-102
ID
(A)
-10-2
VDS (V)
-10-2
-102
-10
-10-1
-1
tp = 100 µs
tp = 1 ms
tp = 10 ms
tp = 100 ms
DC; Tsp = 25 °C
DC; Tamb = 25 °C;
drain mounting pad 6 cm2
Limit RDSon = VDS/ID
IDM = single pulse
Fig. 3. Safe operating area; junction to ambient; continuous and peak drain currents as a function of drain-
source voltage
6. Thermal characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
[1]
-
235
270
K/W
in free air
[2]
-
67
74
K/W
Rth(j-a)
thermal resistance
from junction to
ambient
in free air; t ≤ 5 s
[2]
-
33
36
K/W
Rth(j-sp)
thermal resistance
from junction to solder
point
-
5
10
K/W
[1] Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2] Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for drain 6 cm2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com