Electronic Components Datasheet Search
  English  ▼

X  

PMPB48EP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PMPB48EP
Description  30 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB48EP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PMPB48EP Datasheet HTML 6Page - NXP Semiconductors PMPB48EP Datasheet HTML 7Page - NXP Semiconductors PMPB48EP Datasheet HTML 8Page - NXP Semiconductors PMPB48EP Datasheet HTML 9Page - NXP Semiconductors PMPB48EP Datasheet HTML 10Page - NXP Semiconductors PMPB48EP Datasheet HTML 11Page - NXP Semiconductors PMPB48EP Datasheet HTML 12Page - NXP Semiconductors PMPB48EP Datasheet HTML 13Page - NXP Semiconductors PMPB48EP Datasheet HTML 14Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
NXP Semiconductors
PMPB48EP
30 V, single P-channel Trench MOSFET
PMPB48EP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
10 September 2012
11 / 14
11. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
PMPB48EP v.1
20120910
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com