Electronic Components Datasheet Search
  English  ▼

X  

PMPB48EP Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMPB48EP
Description  30 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB48EP Datasheet(HTML) 5 Page - NXP Semiconductors

  PMPB48EP Datasheet HTML 1Page - NXP Semiconductors PMPB48EP Datasheet HTML 2Page - NXP Semiconductors PMPB48EP Datasheet HTML 3Page - NXP Semiconductors PMPB48EP Datasheet HTML 4Page - NXP Semiconductors PMPB48EP Datasheet HTML 5Page - NXP Semiconductors PMPB48EP Datasheet HTML 6Page - NXP Semiconductors PMPB48EP Datasheet HTML 7Page - NXP Semiconductors PMPB48EP Datasheet HTML 8Page - NXP Semiconductors PMPB48EP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NXP Semiconductors
PMPB48EP
30 V, single P-channel Trench MOSFET
PMPB48EP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
10 September 2012
5 / 14
017aaa542
tp (s)
10-3
102
103
10
1
10-2
10-1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, standard footprint
Fig. 4. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
017aaa543
tp (s)
10-3
102
103
10
1
10-2
10-1
102
10
103
Zth(j-a)
(K/W)
1
duty cycle = 1
0.75
0.5
0.33
0.25
0.2
0.1
0.05
0.02
0.01
0
FR4 PCB, mounting pad for drain 6 cm2
Fig. 5. Transient thermal impedance from junction to ambient as a function of pulse duration; typical values
7. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
V(BR)DSS
drain-source
breakdown voltage
ID = -250 µA; VGS = 0 V; Tj = 25 °C
-30
-
-
V
VGSth
gate-source threshold
voltage
ID = -250 µA; VDS = VGS; Tj = 25 °C
-1
-1.5
-2.5
V
IDSS
drain leakage current
VDS = -30 V; VGS = 0 V; Tj = 25 °C
-
-
-1
µA
IGSS
gate leakage current
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
-
-100
nA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com