Electronic Components Datasheet Search
  English  ▼

X  

PMPB48EP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PMPB48EP
Description  30 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB48EP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PMPB48EP Datasheet HTML 2Page - NXP Semiconductors PMPB48EP Datasheet HTML 3Page - NXP Semiconductors PMPB48EP Datasheet HTML 4Page - NXP Semiconductors PMPB48EP Datasheet HTML 5Page - NXP Semiconductors PMPB48EP Datasheet HTML 6Page - NXP Semiconductors PMPB48EP Datasheet HTML 7Page - NXP Semiconductors PMPB48EP Datasheet HTML 8Page - NXP Semiconductors PMPB48EP Datasheet HTML 9Page - NXP Semiconductors PMPB48EP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
NXP Semiconductors
PMPB48EP
30 V, single P-channel Trench MOSFET
PMPB48EP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
10 September 2012
6 / 14
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
-
100
nA
VGS = -10 V; ID = -4.7 A; Tj = 25 °C
-
40
50
mΩ
VGS = -10 V; ID = -4.7 A; Tj = 150 °C
-
60
75
mΩ
RDSon
drain-source on-state
resistance
VGS = -4.5 V; ID = -3.9 A; Tj = 25 °C
-
55
76
mΩ
gfs
forward
transconductance
VDS = -10 V; ID = -4.7 A; Tj = 25 °C
-
15
-
S
RG
gate resistance
f = 1 MHz
-
6
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
-
17
26
nC
QGS
gate-source charge
-
2.5
-
nC
QGD
gate-drain charge
VDS = -15 V; ID = -4.7 A; VGS = -10 V;
Tj = 25 °C
-
3.2
-
nC
Ciss
input capacitance
-
860
-
pF
Coss
output capacitance
-
105
-
pF
Crss
reverse transfer
capacitance
VDS = -15 V; f = 1 MHz; VGS = 0 V;
Tj = 25 °C
-
87
-
pF
td(on)
turn-on delay time
-
7.4
-
ns
tr
rise time
-
17.5
-
ns
td(off)
turn-off delay time
-
27
-
ns
tf
fall time
VDS = -15 V; ID = -4.7 A; VGS = -10 V;
RG(ext) = 6 Ω; Tj = 25 °C
-
10.4
-
ns
Source-drain diode
VSD
source-drain voltage
IS = -1.8 A; VGS = 0 V; Tj = 25 °C
-
-0.8
-1.2
V
VDS (V)
0
-4
-3
-1
-2
017aaa773
-8
-12
-4
-16
-20
ID
(A)
0
-10 V
-4.5 V
-2.7 V
-2.5 V
-3 V
-3.3 V
VGS = -3.6 V
-4 V
Tj = 25 °C
Fig. 6. Output characteristics: drain current as a
function of drain-source voltage; typical values
017aaa774
-10-5
-10-4
-10-3
-10-2
ID
(A)
-10-6
VGS (V)
0
-4
-3
-1
-2
min
typ
max
Tj = 25 °C; VDS = -5 V
Fig. 7. Sub-threshold drain current as a function of
gate-source voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com