Electronic Components Datasheet Search
  English  ▼

X  

PE33241 Datasheet(PDF) 2 Page - Peregrine Semiconductor

Part # PE33241
Description  UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE33241 Datasheet(HTML) 2 Page - Peregrine Semiconductor

  PE33241 Datasheet HTML 1Page - Peregrine Semiconductor PE33241 Datasheet HTML 2Page - Peregrine Semiconductor PE33241 Datasheet HTML 3Page - Peregrine Semiconductor PE33241 Datasheet HTML 4Page - Peregrine Semiconductor PE33241 Datasheet HTML 5Page - Peregrine Semiconductor PE33241 Datasheet HTML 6Page - Peregrine Semiconductor PE33241 Datasheet HTML 7Page - Peregrine Semiconductor PE33241 Datasheet HTML 8Page - Peregrine Semiconductor PE33241 Datasheet HTML 9Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Preliminary Specification
PE33241
Page 2 of 13
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-15014-3 │ UltraCMOS® RFIC Solutions
Table 1. Pin Descriptions
Figure 2. Pin Configurations (Top View)
Figure 3. Package Type
48-lead 7x7 mm QFN
Pin No.
Pin Name
Interface Mode
Type
Description
1
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
2
R4
Direct
Input
R counter bit 4
3
R5
Direct
Input
R counter bit 5
4
A3
Direct
Input
A counter bit 3
5
N/C
Both
Note 3
No connect
6
GND
Both
Ground
7
M3
Direct
Input
M counter bit 3
8
M2
Direct
Input
M counter bit 2
9
M1
Direct
Input
M counter bit 1
10
M0
Direct
Input
M counter bit 0
11
VDD
Both
Note 1
Power supply input. Input may range from 2.65 to 2.95V. Bypassing recommended
12
GND
Both
Ground
13
M8
Direct
Input
M counter bit 8
14
M7
Direct
Input
M counter bit 7
15
SCLK
Serial
Input
Serial clock input. Sdata is clocked serially into the 20-bit primary register (E_WR “low”)
or the 8-bit enhancement register (E_WR “high”) on the rising edge of Sclk
M6
Direct
Input
M counter bit 6
16
SDATA
Serial
Input
Binary serial data input. Input data entered MSB first
M5
Direct
Input
M counter bit 5
S_WR
Serial
Input
Serial load enable input. While S_WR is “low”, Sdata can be serially clocked. Primary
register data is transferred to the secondary register on S_WR or Hop_WR rising edge
M4
Direct
Input
M counter bit 4
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com