Electronic Components Datasheet Search
  English  ▼

X  

PE33241 Datasheet(PDF) 6 Page - Peregrine Semiconductor

Part # PE33241
Description  UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PSEMI [Peregrine Semiconductor]
Direct Link  http://www.psemi.com
Logo PSEMI - Peregrine Semiconductor

PE33241 Datasheet(HTML) 6 Page - Peregrine Semiconductor

Back Button PE33241 Datasheet HTML 2Page - Peregrine Semiconductor PE33241 Datasheet HTML 3Page - Peregrine Semiconductor PE33241 Datasheet HTML 4Page - Peregrine Semiconductor PE33241 Datasheet HTML 5Page - Peregrine Semiconductor PE33241 Datasheet HTML 6Page - Peregrine Semiconductor PE33241 Datasheet HTML 7Page - Peregrine Semiconductor PE33241 Datasheet HTML 8Page - Peregrine Semiconductor PE33241 Datasheet HTML 9Page - Peregrine Semiconductor PE33241 Datasheet HTML 10Page - Peregrine Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Preliminary Specification
PE33241
Page 6 of 13
©2010-2013 Peregrine Semiconductor Corp. All rights reserved.
Document No. DOC-15014-3 │ UltraCMOS® RFIC Solutions
Table 6. AC Characteristics: VDD = 2.65 to 2.95V, -40°C < TA < 85°C, unless otherwise specified (continued)
Symbol
Parameter
Condition
Min
Typical
Max
Unit
SSB phase noise 5/6 prescaler (Fin = 3 GHz, Fc = 50 MHz, LBW = 500 kHz)
N
Phase noise
100 Hz offset
-95
dBc/Hz
N
Phase noise
1 kHz offset
-102
dBc/Hz
N
Phase noise
10 kHz offset
-112
dBc/Hz
N
Phase noise
100 kHz offset
-116
dBc/Hz
SSB phase noise 10/11 prescaler (Fin = 3 GHz, Fc = 50 MHz, LBW = 500 kHz)
N
Phase noise
100 Hz offset
-92
dBc/Hz
N
Phase noise
1 kHz offset
-99
dBc/Hz
N
Phase noise
10 kHz offset
-109
dBc/Hz
N
Phase noise
100 kHz offset
-114
dBc/Hz
Phase noise figure of merit (FOM)
FOMflicker
Flicker figure of merit
5/6 prescaler
-263
dBc/Hz
10/11 prescaler
-260
dBc/Hz
FOMfloor
Floor figure of merit
5/6 prescaler
-230
dBc/Hz
10/11 prescaler
-228
dBc/Hz
FOMflicker
PNflicker = FOMflicker + 20log (fvco) - 10log (foffset)
dBc/Hz
FOMfloor
PNfloor = FOMfloor + 10log (fpfd) + 20log (fvco/fpfd)
dBc/Hz
FOMtotal
dBc/Hz
PNtotal = 10log (10 [PNflicker/10] + 10 [PNfloor/10])
Notes: 1. Fclk is verified during the functional pattern test. Serial programming sections of the functional pattern are clocked at 10 MHz to verify Fclk specification
2. CMOS logic levels can be used to drive the reference input. If the VDD of the CMOS driver matches the VDD of the PLL IC, then the reference input can be DC
coupled. Otherwise, the reference input should be AC coupled. For sine-wave inputs, the minimum amplitude needs to be 0.5 Vpp. The maximum level should be
limited to prevent ESD diodes at the pin input from turning on. Diodes will turn on at one forward-bias diode drop above VDD or below GND. The DC voltage at the
Reference input is VDD/2
3. Parameter is guaranteed through characterization only and is not tested
4. Parameters below are not tested for die sales. These parameters are verified during the element evaluation
5. 0 dBm minimum is recommended for improved phase noise performance when sine-wave is applied
6. +2 dBm or higher is recommended for improved phase noise performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com